Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK1D2102 Datasheet (PDF) - Texas Instruments

LMK1D2102 Datasheet PDF - Texas Instruments
Part # LMK1D2102
Download  LMK1D2102 Download
File Size   1391.32 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK1D120x Low Additive Jitter LVDS Buffer

LMK1D2102 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK1D2102 Datasheet PDF - Texas Instruments

Part # LMK1D2102
Download  LMK1D2102 Click to download

File Size   1391.32 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK1D120x Low Additive Jitter LVDS Buffer

LMK1D2102 Datasheet (HTML) - Texas Instruments


LMK1D2102 Product details

1 Features
• High-performance LVDS clock buffer family with 2
inputs and 4 (2:4) or 8 (2:8) outputs.
• Output frequency up to 2 GHz.
• Supply voltage: 1.71 V to 3.465 V
• Low additive jitter: < maximum 60 fs RMS in 12-
kHz to 20-MHz at 156.25 MHz
– Very low phase noise floor: –164 dBc/Hz
(typical)
• Very low propagation delay: < 575 ps maximum
• Output skew: 20 ps maximum
• Universal inputs accept LVDS, LVPECL, LVCMOS,
LP-HCSL, HCSL and CML inputs
• LVDS reference voltage, VAC_REF, available for
capacitive-coupled inputs
• Industrial temperature range: –40°C to 105°C
• Packages available:
– LMK1D1204: 3-mm × 3-mm, 16-pin VQFN
(RGT)
– LMK1D1208: 5-mm × 5-mm, 28-pin VQFN
(RHD)

2 Applications
• Telecommunications and networking
• Medical imaging
• Test and measurement
• Wireless infrastructure
• Pro audio, video and signage

3 Description
The LMK1D120x clock buffer distributes one of two
selectable clock inputs (IN0 and IN1) to 4 or 8 pairs
of differential LVDS clock outputs (OUT0 through
OUT7) with minimum skew for clock distribution. The
LMK1D12x family can accept two clock sources into
an input multiplexer. The inputs can either be LVDS,
LVPECL, LP-HCSL, HCSL, CML or LVCMOS.
The LMK1D12x is specifically designed for driving 50-
Ω transmission lines. In case of driving the inputs in
single-ended mode, the appropriate bias voltage as
shown in Figure 9-6 must be applied to the unused
negative input pin.
The IN_SEL pin selects the input which is routed
to the outputs. If this pin is left open, it disables
the outputs (logic low). The part supports a fail-safe
function. The device further incorporates an input
hysteresis which prevents random oscillation of the
outputs in the absence of an input signal.
The device operates in 1.8-V or 2.5-V or 3.3-V
supply environment and is characterized from –40°C
to 105°C (ambient temperature). The LMK1D12x
package variant is shown in the table below:




Similar Part No. - LMK1D2102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 46P
LMK1D210xL Ultra Low Additive Jitter LVDS Buffer
SEPTEMBER 2024
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 46P
LMK1D210xL Ultra Low Additive Jitter LVDS Buffer
NOVEMBER 2024
LMK1D2102 TI1-LMK1D2102 Datasheet
2Mb / 46P
LMK1D210xL Ultra Low Additive Jitter LVDS Buffer
NOVEMBER 2024
LMK1D2102 TI2-LMK1D2102 Datasheet
1Mb / 32P
LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer
REVISED JUNE 2023
More results


Similar Description - LMK1D2102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
2:16 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com