Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8646 Datasheet (PDF) - Texas Instruments

LMP8646 Datasheet PDF - Texas Instruments
Part # LMP8646
Download  LMP8646 Download
File Size   1169.85 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP8646 Precision Current Limiter

LMP8646 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP8646 Datasheet PDF - Texas Instruments

Part # LMP8646
Download  LMP8646 Click to download

File Size   1169.85 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP8646 Precision Current Limiter

LMP8646 Datasheet (HTML) - Texas Instruments


LMP8646 Product details

1 Features
1• Provides Circuit Protection and Current Limiting
• Single Supply Operation
• –2-V to 76-V Common-Mode Voltage Range
• Variable Gain Set by External Resistor
• Adjustable Bandwidth Set by External Capacitor
• Buffered Output
• 3% Output Accuracy Achievable at VSENSE = 100
mV
• Key Specifications:
– Supply Voltage Range 2.7 V to 12 V
– Output Current (Source) 0 to 5 mA
– Gain Accuracy 2.0% (max)
– Transconductance 200 μA/V
– Offset ±1 mV (Maximum)
– Quiescent Current 380 μA
– Input Bias 12 μA (Typical)
– PSRR 85 dB
– CMRR 95 dB
– Temperature Range −40°C to 125°C
– 6-Pin SOT Package

2 Applications
• High-Side and Low-Side Current Limit
• Circuit Fault Protection
• Battery and Supercap Charging
• LED Constant Current Drive
• Power Management

3 Description
The LMP8646 is a precision current limiter used to
improve the current limit accuracy of any switching or
linear regulator with an available feedback node.
The LMP8646 accepts input signals with a commonmode
voltage ranging from –2 V to 76 V. It has a
variable gain which is used to adjust the sense
current. The gain is configured with a single external
resistor, RG, providing a high level of flexibility and
accuracy up to 2%. The adjustable bandwidth, which
allows the device to be used with a variety of
applications, is configurable with a single external
capacitor in parallel with RG. In addition, the output is
buffered in order to provide a low output impedance.
The LMP8646 is an ideal choice for industrial,
automotive, telecommunications, and consumer
applications where circuit protection and improved
precision systems are required. The LMP8646 is
available in a 6-pin SOT package and can operate at
temperature range of −40°C to 125°C.




Similar Part No. - LMP8646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8646 TI1-LMP8646 Datasheet
492Kb / 23P
Precision Current Limiter
LMP8646MK TI1-LMP8646MK Datasheet
492Kb / 23P
Precision Current Limiter
LMP8646MK TI1-LMP8646MK Datasheet
1Mb / 31P
Precision Current Limiter
LMP8646MK/NOPB TI1-LMP8646MK/NOPB Datasheet
1Mb / 31P
Precision Current Limiter
LMP8646MKE TI1-LMP8646MKE Datasheet
492Kb / 23P
Precision Current Limiter
More results


Similar Description - LMP8646

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9700 STMICROELECTRONICS-L9700 Datasheet
97Kb / 7P
HEX PRECISION LIMITER
Nov-1990
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
AC INRUSH CURRENT LIMITER
06-Dec-2005
logo
Texas Instruments
LMP8646 TI1-LMP8646 Datasheet
492Kb / 23P
Precision Current Limiter
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
logo
Texas Instruments
AN-2219 TI-AN-2219 Datasheet
44Kb / 4P
AN-2219 Precision Current Limiting with the LMP8646 and LP38501
logo
STMicroelectronics
L9700D013TR STMICROELECTRONICS-L9700D013TR Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
logo
Texas Instruments
LMP8646 TI-LMP8646_15 Datasheet
1Mb / 31P
LMP8646 Precision Current Limiter
LMP8646 TI1-LMP8646_14 Datasheet
1Mb / 31P
Precision Current Limiter
logo
STMicroelectronics
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
NTC Inrush Current Limiter
10/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com