Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP90077 Datasheet (PDF) - Texas Instruments

LMP90077 Datasheet PDF - Texas Instruments
Part # LMP90077
Download  LMP90077 Download
File Size   1612.21 Kbytes
Page   72 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP9007x/LMP90080 Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE With True Continuous Background Calibration

LMP90077 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP90077 Datasheet PDF - Texas Instruments

Part # LMP90077
Download  LMP90077 Click to download

File Size   1612.21 Kbytes
Page   72 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP9007x/LMP90080 Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE With True Continuous Background Calibration

LMP90077 Datasheet (HTML) - Texas Instruments


LMP90077 Product details

1 Features
1• 16-Bit Low-Power Sigma Delta ADC
• True Continuous Background Calibration at All
Gains
• In-Place System Calibration Using Expected
Value Programming
• Low-Noise Programmable Gain (1x - 128x)
• Continuous Background Open/Short and Out of
Range Sensor Diagnostics
• 8 Output Data Rates (ODR) with Single-Cycle
Settling
• 2 Matched Excitation Current Sources from 100
μA to 1000 μA (LMP90080/LMP90078)
• 4-DIFF / 7-SE Inputs (LMP90080/LMP90079)
• 2-DIFF / 4-SE Inputs (LMP90078/LMP90077)
• 7 General Purpose Input/Output Pins
• Chopper-Stabilized Buffer for Low Offset
• SPI 4/3-Wire with CRC Data Link Error Detection
• 50 Hz to 60 Hz Line Rejection at ODR ≤13.42
SPS
• Independent Gain and ODR Selection per
Channel
• Supported by WEBENCH® Sensor AFE Designer
• Automatic Channel Sequencer
• Key Specifications
– ENOB/NFR: Up to 16/16 Bits
– Offset Error (typ): 8.4 nV
– Gain Error (typ): 7 ppm
– Total Noise: <10 μV-rms
– Integral Non-Linearity (INL Max): ±1 LSB
– Output Data Rates (ODR): 1.6775–214.65
SPS
– Analog Voltage, VA: 2.85 to 5.5 V
– Operating Temp Range: –40°C to 125°C
– Package: 28 Pin Exposed Pad

2 Applications
• Temperature and Pressure Transmitters
• Strain Gauge Interface
• Industrial Process Control

3 Description
The LLMP9007x and LMP90080 are highly
integrated, multi-channel, low-power 16-bit Sensor
AFEs. The devices feature a precision, 16-bit Sigma
Delta Analog-to-Digital Converter (ADC) with a lownoise
programmable gain amplifier and a fully
differential high impedance analog input multiplexer.
A true continuous background calibration feature
allows calibration at all gains and output data rates
without interrupting the signal path. The background
calibration feature essentially eliminates gain and
offset errors across temperature and time, providing
measurement accuracy without sacrificing speed and
power consumption.




Similar Part No. - LMP90077

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP90077 NSC-LMP90077 Datasheet
1Mb / 62P
Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90077 TI-LMP90077 Datasheet
1Mb / 64P
Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
LMP90077MH TI-LMP90077MH Datasheet
1Mb / 64P
Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
LMP90077MH TI1-LMP90077MH Datasheet
1Mb / 70P
Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90077MH/NOPB NSC-LMP90077MH/NOPB Datasheet
1Mb / 62P
Sensor AFE System: Multi-Channel, Low-Power 16-Bit
More results


Similar Description - LMP90077

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP90080 NSC-LMP90080 Datasheet
1Mb / 62P
Sensor AFE System: Multi-Channel, Low-Power 16-Bit
LMP90100 NSC-LMP90100 Datasheet
1Mb / 62P
Sensor AFE System: Multi-Channel, Low Power 24-Bit
logo
Texas Instruments
LMP90100 TI1-LMP90100 Datasheet
1Mb / 63P
Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP91002 TI1-LMP91002 Datasheet
509Kb / 21P
Sensor AFE System: Configurable AFE Potentiostat
LMP90100 TI1-LMP90100_13 Datasheet
1Mb / 69P
LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90077 TI-LMP90077 Datasheet
1Mb / 64P
Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
Multi-Channel 16-Bit Sensor AFE with Background Calibration
LMP91000 TI1-LMP91000_14 Datasheet
628Kb / 31P
Sensor AFE System
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com