Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMR16010 Datasheet (PDF) - Texas Instruments

LMR16010 Datasheet PDF - Texas Instruments
Part # LMR16010
Download  LMR16010 Download
File Size   3036.81 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR16010 SIMPLE SWITCHER® 60 V, 1 A Step-Down Converter With 40 μA IQ

LMR16010 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMR16010 Datasheet PDF - Texas Instruments

Part # LMR16010
Download  LMR16010 Click to download

File Size   3036.81 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR16010 SIMPLE SWITCHER® 60 V, 1 A Step-Down Converter With 40 μA IQ

LMR16010 Datasheet (HTML) - Texas Instruments


LMR16010 Product details

1 Features
1• 4.3 V to 60 V Input Range
• 1 A Continuous Output Current
• Ultra-low 40 μA Operating Quiescent Current
• 155 mΩ High-Side MOSFET
• Current Mode Control
• Adjustable Switching Frequency from 200 kHz to
2.5 MHz
• Frequency Synchronization to External Clock
• Internal Compensation for Ease of Use
• High Duty Cycle Operation Supported
• Precision Enable Input
• Power-Good Flag
• 1 μA Shutdown Current
• Thermal, Overvoltage and Short Protection
• 8-Pin HSOIC with PowerPAD™ Package

2 Applications
• Automotive Battery Regulation
• Industrial Power Supplies
• Telecom and Datacom Systems
• General Purpose Wide Vin Regulation

3 Description
The LMR16010 is a 60 V, 1 A SIMPLE SWITCHER®
step down regulator with an integrated high-side
MOSFET. With a wide input range from 4.3 V to 60
V, it’s suitable for various applications from industrial
to automotive for power conditioning from
unregulated sources. The regulator’s quiescent
current is 40 μA in Sleep-mode, which is suitable for
battery powered systems. An ultra-low 1 μA current in
shutdown mode can further prolong battery life. A
wide adjustable switching frequency range allows
either efficiency or external component size to be
optimized. Internal loop compensation means that the
user is free from the tedious task of loop
compensation design. This also minimizes the
external components of the device. A precision
enable input allows simplification of regulator control
and system power sequencing. The device also has
built-in protection features such as cycle-by-cycle
current limit, thermal sensing and shutdown due to
excessive power dissipation, and output overvoltage
protection.
The LMR16010 is available in an 8-pin HSOIC
package with exposed pad for low thermal resistance.




Similar Part No. - LMR16010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16010 TI1-LMR16010 Datasheet
161Kb / 9P
1 A Step-Down Converter
LMR16010PDDA TI1-LMR16010PDDA Datasheet
161Kb / 9P
1 A Step-Down Converter
LMR16010PDDAR TI1-LMR16010PDDAR Datasheet
161Kb / 9P
1 A Step-Down Converter
More results


Similar Description - LMR16010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14030-Q1 TI1-LMR14030-Q1 Datasheet
1Mb / 32P
SIMPLE SWITCHER 40 V, 3.5A Step-Down Converter
LMR14050-Q1 TI1-LMR14050-Q1 Datasheet
1Mb / 33P
SIMPLE SWITCHER 40 V, 5 A Step-Down Converter
LMR23610 TI1-LMR23610 Datasheet
148Kb / 9P
SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR14050 TI1-LMR14050 Datasheet
1Mb / 31P
LMR14050 SIMPLE SWITCHER 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR38020-Q1 TI1-LMR38020-Q1 Datasheet
1Mb / 40P
LMR38020-Q1 4.2-V to 80-V, 2-A Automotive Synchronous SIMPLE SWITCHER® Power Converter with 40-μA IQ
JANUARY 2023
LMR38010-Q1 TI1-LMR38010-Q1 Datasheet
2Mb / 38P
LMR38010-Q1 4.2-V to 80-V, 1-A Automotive Synchronous SIMPLE SWITCHER® Power Converter with 40-μA IQ
FEBRUARY 2023
LMR38020-Q1 TI-LMR38020-Q1_V01 Datasheet
1Mb / 39P
LMR38020-Q1 4.2-V to 80-V, 2-A, Automotive, Synchronous SIMPLE SWITCHER® Power Converter with 40-μA IQ
MAY 2023
LMR38010-Q1 TI-LMR38010-Q1_V01 Datasheet
1Mb / 39P
LMR38010-Q1 4.2-V to 80-V, 1-A, Automotive, Synchronous SIMPLE SWITCHER® Power Converter with 40-μA IQ
REVISED MAY 2023
LMR38025-Q1 TI1-LMR38025-Q1 Datasheet
4Mb / 40P
LMR38025-Q1 SIMPLE SWITCHER® Power Converter, 4.2-V to 80-V, 2.5-A Automotive Synchronous Buck Converter With 40-μA IQ
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com