Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMR33620ADDA Datasheet (PDF) - Texas Instruments

LMR33620ADDA Datasheet PDF - Texas Instruments
Part # LMR33620ADDA
Download  LMR33620ADDA Download
File Size   3990.88 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR33620 SIMPLE SWITCHER® 3.8-V to 36-V, 2-A Synchronous Step-down Voltage Converter

LMR33620ADDA Datasheet (PDF)

Go To PDF Page Download Datasheet
LMR33620ADDA Datasheet PDF - Texas Instruments

Part # LMR33620ADDA
Download  LMR33620ADDA Click to download

File Size   3990.88 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR33620 SIMPLE SWITCHER® 3.8-V to 36-V, 2-A Synchronous Step-down Voltage Converter

LMR33620ADDA Datasheet (HTML) - Texas Instruments


LMR33620ADDA Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Configured for rugged industrial applications
– Input voltage range: 3.8 V to 36 V
– Output voltage range: 1 V to 24 V
– Output current: 2 A
– Peak-current-mode control
– Short minimum on-time of 68 ns
– Frequency: 400 kHz, 1.4 MHz, 2.1 MHz
– Junction temperature range –40°C to +125°C
– Low EMI and low switching noise
– Integrated compensation network
• Low EMI and switching noise
– HotRod™ package
– Parallel input current paths
• High power conversion at all loads
– Peak efficiency > 95%
– Low operating quiescent current of 25 μA
• Flexible system interface
– Power-good flag and precision enable
• Use TPSM53602 module for faster time to market
• Create a custom design using the LMR33620 with
the WEBENCH® Power Designer

2 Applications
• Motor drive systems: drones, AC inverters,
VF drives, servos
• Factory and building automation systems:
PLC CPU, HVAC control, elevator control
• General purpose wide VIN powers

3 Description
The LMR33620 SIMPLE SWITCHER® regulator is
an easy-to-use, synchronous, step-down DC/DC
converter that delivers best-in-class efficiency for
rugged industrial applications. The LMR33620 drives
up to 2 A of load current from an input of up
to 36 V. The LMR33620 provides high light load
efficiency and output accuracy in a very small
solution size. Features such as a power-good flag
and precision enable provide both flexible and easyto-
use solutions for a wide range of applications.
The LMR33620 automatically folds back frequency at
light load to improve efficiency. Integration eliminates
most external components and provides a pinout
designed for simple PCB layout. Protection features
include thermal shutdown, input undervoltage lockout,
cycle-by-cycle current limit, and hiccup short-circuit
protection. The LMR33620 is available in an 8-pin
HSOIC package and in a 12-pin 3 mm × 2 mm
next generation VQFN package with wettable flanks.
This device is also available in an AEC-Q100-qualified
version.




Similar Part No. - LMR33620ADDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR33620ADDA TI1-LMR33620ADDA Datasheet
1Mb / 40P
SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620ADDA TI1-LMR33620ADDA Datasheet
1Mb / 49P
SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620ADDAR TI1-LMR33620ADDAR Datasheet
1Mb / 40P
SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620ADDAR TI1-LMR33620ADDAR Datasheet
1Mb / 49P
SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
More results


Similar Description - LMR33620ADDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LMR33630 TI1-LMR33630 Datasheet
1Mb / 33P
LMR33630 SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620 Datasheet
1Mb / 40P
SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33630 TI1-LMR33630_18 Datasheet
1Mb / 40P
SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620_18 Datasheet
1Mb / 49P
SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33630_018 TI1-LMR33630_018 Datasheet
2Mb / 49P
SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33620-Q1 TI1-LMR33620-Q1 Datasheet
2Mb / 48P
3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620-Q1 TI1-LMR33620-Q1_18 Datasheet
2Mb / 47P
3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620-Q1_1812 TI1-LMR33620-Q1_1812 Datasheet
2Mb / 47P
3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com