Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMR33640ADDA Datasheet (PDF) - Texas Instruments

LMR33640ADDA Datasheet PDF - Texas Instruments
Part # LMR33640ADDA
Download  LMR33640ADDA Download
File Size   2563.71 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR33640 SIMPLE SWITCHER® 3.8-V to 36-V, 4-A Synchronous Step-down Converter

LMR33640ADDA Datasheet (PDF)

Go To PDF Page Download Datasheet
LMR33640ADDA Datasheet PDF - Texas Instruments

Part # LMR33640ADDA
Download  LMR33640ADDA Click to download

File Size   2563.71 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR33640 SIMPLE SWITCHER® 3.8-V to 36-V, 4-A Synchronous Step-down Converter

LMR33640ADDA Datasheet (HTML) - Texas Instruments


LMR33640ADDA Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Configured for rugged industrial applications
– Input voltage range: 3.8 V to 36 V
– Output voltage range: 1 V to 24 V
– Peak-current mode control
– Junction temperature range: –40°C to +125°C
– Ease-of-use SOIC package
• Well-suited for scalable industrial power supplies
– Pin compatible with:
• LMR33610, LMR33620, and LMR33630 (36
V, 1 A, 2 A, or 3 A)
• LMR36510 and LMR36520
(65 V, 1 A, or 2 A)
– 400-kHz and 1-MHz frequency
– Integrated compensation helps reduce solution
size, cost, and design complexity
• High-efficiency solution
– Peak efficiency > 95%
– Low shutdown quiescent current of 5 μA
– Low operating quiescent current of 24 μA
• Flexible system interface
– Power-good flag and precision enable
• Create a custom design using the LMR33640 with
the WEBENCH® Power Designer
• Use TPSM53604 module for faster time to market

2 Applications
• Motor drive systems: drones, AC inverters,
VF drives, servos
• Factory and building automation systems:
PLC, HMI, HVAC systems, elevator main control
panel
• Wide VIN DC/DC power supply

3 Description
The LMR33640 SIMPLE SWITCHER® regulator is
an easy-to-use, synchronous, step-down DC/DC
converter that delivers best-in-class efficiency for
rugged industrial applications. The LMR33640 drives
up to 4 A of load current from an input of up
to 36 V. The LMR33640 provides high light-load
efficiency and output accuracy. Features such as a
power-good flag and precision enable provide both
flexible and easy-to-use solutions for a wide range
of applications. The LMR33640 automatically folds
back frequency at light load to improve efficiency.
Protection features include thermal shutdown, input
undervoltage lockout, cycle-by-cycle current limit, and
hiccup short-circuit protection. Integration and internal
compensation eliminates many external components
and provides a pinout designed for a simple PCB
layout. The feature set of the device is designed
to simplify implementation for a wide range of end
equipment. The LMR33640 is pin-to-pin compatible
with the LMR33610, LMR33620, LMR33630 (36 V, 1
A/2, A/3 A), LMR36510 (65 V, 1 A), and LMR36520
(65 V, 2 A), completing the family of scalable SIMPLE
SWITCHER power supplies. This minimizes the cost
and effort associated with board layout modifications.
The LMR33640 is available in an 8-pin HSOIC
package.




Similar Part No. - LMR33640ADDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR33640ADDA TI1-LMR33640ADDA Datasheet
1Mb / 36P
LMR33640 SIMPLE SWITCHER짰 3.8-V to 36-V, 4-A Synchronous Step-down Converter
LMR33640ADDA TI1-LMR33640ADDA Datasheet
1Mb / 40P
LMR33640 SIMPLE SWITCHER짰 3.8-V to 36-V, 4-A Synchronous Step-down Converter
LMR33640ADDAR TI1-LMR33640ADDAR Datasheet
1Mb / 36P
LMR33640 SIMPLE SWITCHER짰 3.8-V to 36-V, 4-A Synchronous Step-down Converter
LMR33640ADDAR TI1-LMR33640ADDAR Datasheet
1Mb / 40P
LMR33640 SIMPLE SWITCHER짰 3.8-V to 36-V, 4-A Synchronous Step-down Converter
More results


Similar Description - LMR33640ADDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR33630 TI1-LMR33630 Datasheet
1Mb / 33P
LMR33630 SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR33620 TI1-LMR33620 Datasheet
1Mb / 40P
SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33630 TI1-LMR33630_18 Datasheet
1Mb / 40P
SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620_18 Datasheet
1Mb / 49P
SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33630_018 TI1-LMR33630_018 Datasheet
2Mb / 49P
SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33640 TI1-LMR33640 Datasheet
1Mb / 36P
LMR33640 SIMPLE SWITCHER짰 3.8-V to 36-V, 4-A Synchronous Step-down Converter
LMR33640 TI1-LMR33640_V01 Datasheet
1Mb / 40P
LMR33640 SIMPLE SWITCHER짰 3.8-V to 36-V, 4-A Synchronous Step-down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com