Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ30604 Datasheet (PDF) - Texas Instruments

LMZ30604 Datasheet PDF - Texas Instruments
Part # LMZ30604
Download  LMZ30604 Download
File Size   865.36 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ30604 4-A Power Module With 2.95V-6V Input in QFN Package

LMZ30604 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ30604 Datasheet PDF - Texas Instruments

Part # LMZ30604
Download  LMZ30604 Click to download

File Size   865.36 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ30604 4-A Power Module With 2.95V-6V Input in QFN Package

LMZ30604 Datasheet (HTML) - Texas Instruments


LMZ30604 Product details

1 Features
1• Complete Integrated Power Solution Allows
Small Footprint, Low-Profile Design
• 9 mm × 11 mm × 2.8 mm package
- Pin Compatible with LMZ30602 and LMZ30606
• Efficiencies Up To 96%
• Wide-Output Voltage Adjust
0.8 V to 3.6 V, with ±1% Reference Accuracy
• Adjustable Switching Frequency
(500 kHz to 2 MHz)
• Synchronizes to an External Clock
• Adjustable Slow-Start
• Output Voltage Sequencing / Tracking
• Power Good Output
• Programmable Undervoltage Lockout (UVLO)
• Output Overcurrent Protection
• Over Temperature Protection
• Operating Temperature Range: –40°C to 85°C
• Enhanced Thermal Performance: 12°C/W
• Meets EN55022 Class B Emissions
- Integrated Shielded Inductor
• Create a Custom Design Using the LMZ30604
With the WEBENCH® Power Designer

2 Applications
• Broadband and Communications Infrastructure
• Automated Test and Medical Equipment
• Compact PCI / PCI Express / PXI Express
• DSP and FPGA Point of Load Applications
• High Density Distributed Power Systems

3 Description
The LMZ30604 power module is an easy-to-use
integrated power solution that combines a 4-A DC/DC
converter with power MOSFETs, a shielded inductor,
and passives into a low profile, QFN package. This
total power solution requires as few as 3 external
components and eliminates the loop compensation
and magnetics part selection process.
The 9×11×2.8 mm QFN package is easy to solder
onto a printed circuit board and allows a compact
point-of-load design with greater than 90% efficiency
and excellent power dissipation with a thermal
impedance of 12°C/W junction to ambient. The
device delivers the full 4-A rated output current at
85°C ambient temperature without airflow.
The LMZ30604 offers the flexibility and the featureset
of a discrete point-of-load design and is ideal for
powering performance DSPs and FPGAs. Advanced
packaging technology afford a robust and reliable
power solution compatible with standard QFN
mounting and testing techniques.




Similar Part No. - LMZ30604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604 Datasheet
363Kb / 16P
LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ30604 TI2-LMZ30604 Datasheet
865Kb / 35P
LMZ30604 4-A Power Module With 2.95V-6V Input in QFN Package
REVISED APRIL 2018
LMZ30604EVM-001 TI-LMZ30604EVM-001 Datasheet
363Kb / 16P
LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
More results


Similar Description - LMZ30604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com