Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV7271MG Datasheet (PDF) - Texas Instruments

LMV7271MG Datasheet PDF - Texas Instruments
Part # LMV7271MG
Download  LMV7271MG Download
File Size   1250.01 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV727x Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input

LMV7271MG Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV7271MG Datasheet PDF - Texas Instruments

Part # LMV7271MG
Download  LMV7271MG Click to download

File Size   1250.01 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV727x Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input

LMV7271MG Datasheet (HTML) - Texas Instruments


LMV7271MG Product details

1 Features
1• (VS = 1.8 V, TA = 25°C, Typical Values Unless
Specified).
• Single or Dual Supplies
• Ultra Low Supply Current 9 μA Per Channel
• Low Input Bias Current 10 nA
• Low Input Offset Current 200 pA
• Low Ensured VOS 4 mV
• Propagation Delay 880 ns (20-mV Overdrive)
• Input Common Mode Voltage Range 0.1 V
Beyond Rails
• LMV7272 is Available in DSBGA Package

2 Applications
• Wearable Devices open•
Mobile Phones and Tablets
• Battery-Powered Electronics
• General Purpose Low Voltage Applications

3 Description
The LMV727x devices are rail-to-rail input low power
comparators, characterized at supply voltages 1.8 V,
2.7 V, and 5 V. They consume as little as 9-uA supply
current per channel while achieving a 800-ns
propagation delay.
The LMV7271 and LMV7275 (single) are available in
SC70 and SOT-23 packages. The LMV7272 (dual) is
available in the DSBGA package. With these tiny
packages, the PCB area can be significantly reduced. They are ideal for low voltage, low power, and space-
critical designs.
The LMV7271 and LMV7272 both feature a push-pull
output stage which allows operation with minimum
power consumption when driving a load.
The LMV7275 features an open-drain output stage
that allows for wired-OR configurations. The open•
drain output also offers the advantage of allowing the
output to be pulled to any voltage up to 5.5 V, regardless of the supply voltage of the LMV7275,
which is useful for level-shifting applications.
The LMV727x devices are built with Texas
Instruments' advance submicron silicon-gate BiCMOS
process. They all have bipolar inputs for improved
noise performance, and CMOS outputs for rail-to-rail
output swing.




Similar Part No. - LMV7271MG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7271MG NSC-LMV7271MG Datasheet
494Kb / 16P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7271MG NSC-LMV7271MG Datasheet
939Kb / 18P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7271MG TI1-LMV7271MG Datasheet
1Mb / 29P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7271MG TI1-LMV7271MG Datasheet
1Mb / 35P
Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
LMV7271MG/NOPB TI1-LMV7271MG/NOPB Datasheet
1Mb / 29P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
More results


Similar Description - LMV7271MG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7271 NSC-LMV7271 Datasheet
494Kb / 16P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV931 TI-LMV931 Datasheet
725Kb / 26P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
National Semiconductor ...
LMV7271 NSC-LMV7271_08 Datasheet
939Kb / 18P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV7272TL-NOPB TI1-LMV7272TL-NOPB Datasheet
1Mb / 29P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
AD8515 AD-AD8515_15 Datasheet
371Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail
Rev. D
logo
Texas Instruments
LMV7275-Q1 TI-LMV7275-Q1_15 Datasheet
1Mb / 31P
LMV7275-Q1 Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
LMV7271 TI1-LMV7271_15 Datasheet
1Mb / 35P
Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
LMV7275-Q1 TI1-LMV7275-Q1 Datasheet
1Mb / 31P
Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com