Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ31503 Datasheet (PDF) - Texas Instruments

LMZ31503 Datasheet PDF - Texas Instruments
Part # LMZ31503
Download  LMZ31503 Download
File Size   1290.23 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ31503 3-A Power Module With 4.5-V to 14.5-V Input in QFN Package

LMZ31503 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ31503 Datasheet PDF - Texas Instruments

Part # LMZ31503
Download  LMZ31503 Click to download

File Size   1290.23 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ31503 3-A Power Module With 4.5-V to 14.5-V Input in QFN Package

LMZ31503 Datasheet (HTML) - Texas Instruments


LMZ31503 Product details

1 Features
1• Complete Integrated Power Solution Allows
Small Footprint, Low-Profile Design
• 9 mm × 15mm × 2.8mm package
- Pin Compatible with LMZ31506
• Efficiencies Up To 95%
• Wide-Output Voltage Adjust
0.8 V to 5.5 V, with 1% Reference Accuracy
• Optional Split Power Rail Allows
Input Voltage Down to 1.6 V
• Adjustable Switching Frequency
(330 kHz to 780 kHz)
• Synchronizes to an External Clock
• Adjustable Slow-Start
• Output Voltage Sequencing / Tracking
• Power Good Output
• Programmable Undervoltage Lockout (UVLO)
• Overcurrent Protection (Hiccup-Mode)
• Over Temperature Protection
• Pre-bias Output Start-up
• Operating Temperature Range: –40°C to +85°C
• Enhanced Thermal Performance: 13°C/W
• Meets EN55022 Class B Emissions
- Integrated Shielded Inductor
• Create a Custom Design Using the LMZ31503
With the WEBENCH® Power Designer

2 Applications
• Broadband & Communications Infrastructure
• Automated Test and Medical Equipment
• Compact PCI / PCI Express / PXI Express
• DSP and FPGA Point of Load Applications
• High Density Distributed Power Systems

3 Description
The LMZ31503 power module is an easy-to-use
integrated power solution that combines a 3-A DC/DC
converter with power MOSFETs, a shielded inductor,
and passives into a low profile, QFN package. This
total power solution allows as few as 3 external
components and eliminates the loop compensation
and magnetics design process.
The 9×15×2.8 mm QFN package is easy to solder
onto a printed circuit board and allows a compact
point-of-load design with up to 95% efficiency and
excellent power dissipation with a thermal impedance
of 13°C/W junction to ambient. The device delivers
the full 3-A rated output current at 85°C ambient
temperature without airflow.
The LMZ31503 offers the flexibility and the featureset
of a discrete point-of-load design and is ideal for
powering performance DSPs and FPGAs. Advanced
packaging technology afford a robust and reliable
power solution compatible with standard QFN
mounting and testing techniques.




Similar Part No. - LMZ31503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
Simple Switcher짰 Power Module Evaluation Module
LMZ31503RUQR TI1-LMZ31503RUQR Datasheet
1Mb / 29P
3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503RUQR TI1-LMZ31503RUQR Datasheet
973Kb / 29P
3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results


Similar Description - LMZ31503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
TPSM53603 TI1-TPSM53603 Datasheet
1Mb / 33P
TPSM53603 36-V Input, 3-A Power Module in RLF QFN Package
TPSM863252 TI-TPSM863252 Datasheet
1Mb / 28P
TPSM86325x 3-V to 17-V Input, 3-A Synchronous Buck Module in QFN Package
MARCH 2023
TPSM863252 TI-TPSM863252_V01 Datasheet
1Mb / 23P
TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED JUNE 2023
TPSM863252 TI-TPSM863252_V02 Datasheet
1Mb / 29P
TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com