Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ34002 Datasheet (PDF) - Texas Instruments

LMZ34002 Datasheet PDF - Texas Instruments
Part # LMZ34002
Download  LMZ34002 Download
File Size   1033.67 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ34002 15-W Negative Output Power Module With 4.5-V to 40-V Input in QFN Package

LMZ34002 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ34002 Datasheet PDF - Texas Instruments

Part # LMZ34002
Download  LMZ34002 Click to download

File Size   1033.67 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ34002 15-W Negative Output Power Module With 4.5-V to 40-V Input in QFN Package

LMZ34002 Datasheet (HTML) - Texas Instruments


LMZ34002 Product details

1 Features
1• Complete Integrated Power Solution Allows
Small Footprint, Low-Profile Design
• Wide Input Voltage Range from 4.5 V to 40 V
• Output Adjustable from –3 V to –17 V
• Supplies up to 2-A of Output Current
• 45-V Surge Capability
• Synchronizes to an External Clock
• Adjustable Slow-Start
• Programmable Undervoltage Lockout (UVLO)
• Output Overcurrent Protection
• Over Temperature Protection
• Operating Temperature Range: –40°C to +85°C
• Enhanced Thermal Performance: 14°C/W
• Meets EN55022 Class B Emissions
- Integrated Shielded Inductor
• For Design Help visit
http://www.ti.com/product/lmz34002
• Create a Custom Design Using the LMZ34002
With the WEBENCH® Power Designer

2 Applications
• Industrial and Motor Controls
• Automated Test Equipment
• Bipolar Amplifiers in Audio/Video
• High Density Power Systems

3 Description
The LMZ34002 SIMPLE SWITCHER® power module
is an easy-to-use, negative output voltage power
module that combines a 15-W DC-DC converter with
a shielded inductor, and passives into a low profile,
QFN package. This total power solution allows as few
as five external components and eliminates the loop
compensation and magnetics part selection process.
The 9×11×2.8 mm QFN package is easy to solder
onto a printed circuit board and allows a compact
design with fewer components and excellent power
dissipation capability. The LMZ34002 offers the
flexibility and the feature-set of a discrete design and
is ideal for powering a wide range of ICs and analog
circuits requiring a negative output voltage. Advanced
packaging technology affords a robust and reliable
power solution compatible with standard QFN
mounting and testing techniques.




Similar Part No. - LMZ34002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ34002 TI1-LMZ34002 Datasheet
857Kb / 31P
2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ34002 TI1-LMZ34002 Datasheet
807Kb / 30P
2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ34002 TI1-LMZ34002 Datasheet
348Kb / 14P
Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
857Kb / 31P
2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
More results


Similar Description - LMZ34002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84259 TI-TPS84259 Datasheet
833Kb / 28P
4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
LMZ34002 TI1-LMZ34002 Datasheet
857Kb / 31P
2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
TPS84259 TI1-TPS84259_14 Datasheet
825Kb / 32P
4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
LMZ34002 TI-LMZ34002_15 Datasheet
1Mb / 33P
2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
TPSM846C23 TI1-TPSM846C23 Datasheet
771Kb / 78P
4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBusTM Power Module
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
TPSM5601R5H TI-TPSM5601R5H Datasheet
1Mb / 29P
TPSM5601R5Hx, 60-V Input, 1-V to 16-V Output, 1.5-A Power Module in Enhanced HotRod??QFN Package
TPSM560R6 TI-TPSM560R6 Datasheet
2Mb / 31P
TPSM560R6, 60-V Input, 1-V to 6-V Output, 600-mA Power Module in Enhanced HotRod??QFN Package
SEPTEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com