Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2997 Datasheet (PDF) - Texas Instruments

LP2997 Datasheet PDF - Texas Instruments
Part # LP2997
Download  LP2997 Download
File Size   1319.92 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP2997 DDR-II Termination Regulator

LP2997 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2997 Datasheet PDF - Texas Instruments

Part # LP2997
Download  LP2997 Click to download

File Size   1319.92 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP2997 DDR-II Termination Regulator

LP2997 Datasheet (HTML) - Texas Instruments


LP2997 Product details

1FEATURES
2• Source and Sink Current
• Low Output Voltage Offset
• No External Resistors Required
• Linear Topology
• Suspend to Ram (STR) Functionality
• Low External Component Count
• Thermal Shutdown
• Available in SOIC-8, SO PowerPAD-8 Packages

APPLICATIONS
• DDR-II Termination Voltage
• SSTL-18 Termination

DESCRIPTION
The LP2997 linear regulator is designed to meet the
JEDEC SSTL-18 specifications for termination of
DDR-II memory. The device contains a high-speed
operational amplifier to provide excellent response to
load transients. The output stage prevents shoot
through while delivering 500mA continuous current and transient peaks up to 900mA in the application as
required for DDR-II SDRAM termination. The LP2997
also incorporates a VSENSE pin to provide superior
load regulation and a VREF output as a reference for
the chipset and DIMMs.
An additional feature found on the LP2997 is an
active low shutdown (SD) pin that provides Suspend To RAM (STR) functionality. When SD is pulled low
the VTT output will tri-state providing a high
impedance output, but, VREF will remain active. A
power savings advantage can be obtained in this
mode through lower quiescent current.




Similar Part No. - LP2997

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2997 NSC-LP2997 Datasheet
233Kb / 12P
DDR-II Termination Regulator
logo
Texas Instruments
LP2997 TI1-LP2997 Datasheet
1Mb / 21P
DDR-II Termination Regulator
logo
National Semiconductor ...
LP2997M NSC-LP2997M Datasheet
233Kb / 12P
DDR-II Termination Regulator
logo
Texas Instruments
LP2997M TI1-LP2997M Datasheet
1Mb / 21P
DDR-II Termination Regulator
LP2997M/NOPB TI1-LP2997M/NOPB Datasheet
1Mb / 21P
DDR-II Termination Regulator
More results


Similar Description - LP2997

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2997 NSC-LP2997 Datasheet
233Kb / 12P
DDR-II Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
DDR I/II Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208_06 Datasheet
96Kb / 9P
DDR?묲/II Termination Regulator
May, 2006 ??Rev. 5
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
DDR-II and DDR-I Termination Regulator
December 12, 2007
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
LP2998 DDR-I and DDR-II Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2997 TI1-LP2997 Datasheet
1Mb / 21P
DDR-II Termination Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com