Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRF Datasheet (PDF) - Bourns Electronic Solutions

CRF Datasheet PDF - Bourns Electronic Solutions
Part # CRF
Download  CRF Download
File Size   734.39 Kbytes
Page   5 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description CRF Series - High Power Current Sense Chip Resistor

CRF Datasheet (PDF)

Go To PDF Page Download Datasheet
CRF Datasheet PDF - Bourns Electronic Solutions

Part # CRF
Download  CRF Click to download

File Size   734.39 Kbytes
Page   5 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description CRF Series - High Power Current Sense Chip Resistor

CRF Datasheet (HTML) - Bourns Electronic Solutions


CRF Product details

Features
n Resistance value as low as 0.0003 ohm
n High power density
n Inductance less than 5 nH
n Low thermal EMF: <3 μV/°C (0805~2010);
<40 μV/°C (2512)
n RoHS compliant*
n AEC-Q200 compliant




Similar Part No. - CRF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRF BOURNS-CRF Datasheet
271Kb / 2P
CRF Series - High Power Current Sense Chip Resistor
logo
Meder Electronic
CRF MEDER-CRF Datasheet
641Kb / 5P
7GHz High Frequency Reed
logo
Merrimac Industries, In...
CRF-10A-250 MERRIMAC-CRF-10A-250 Datasheet
32Kb / 1P
BI-DIRECTIONAL COUPLERS
CRF-10A-250SQ MERRIMAC-CRF-10A-250SQ Datasheet
54Kb / 1P
DIRECTIONAL COUPLERS
CRF-11A-1000 MERRIMAC-CRF-11A-1000 Datasheet
32Kb / 1P
BI-DIRECTIONAL COUPLERS
More results


Similar Description - CRF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRA2010 BOURNS-CRA2010 Datasheet
296Kb / 2P
High Power Current Sense Chip Resistor
CRF BOURNS-CRF Datasheet
271Kb / 2P
CRF Series - High Power Current Sense Chip Resistor
CRF2512-FX-R008ELF BOURNS-CRF2512-FX-R008ELF Datasheet
284Kb / 3P
CRF Series - High Power Current Sense Chip Resistor
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF Datasheet
284Kb / 3P
High Power Current Sense Chip Resistor
CRA2010 BOURNS-CRA2010_13 Datasheet
275Kb / 2P
High Power Current Sense Chip Resistor
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF_16 Datasheet
371Kb / 3P
High Power Current Sense Chip Resistor
logo
Riedon Powertron
CSR2512A0R02F RIEDON-CSR2512A0R02F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B0R004F RIEDON-CSR2512B0R004F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512C0R002F RIEDON-CSR2512C0R002F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR25120R025F RIEDON-CSR25120R025F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com