Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5003 Datasheet (PDF) - Premier Farnell Limited.

S5003 Datasheet PDF - Premier Farnell Limited.
Part # S5003
Download  S5003 Download
File Size   103.38 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Telescopic Inspection Mirror

S5003 Datasheet (PDF)

Go To PDF Page Download Datasheet
S5003 Datasheet PDF - Premier Farnell Limited.

Part # S5003
Download  S5003 Click to download

File Size   103.38 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Telescopic Inspection Mirror

S5003 Datasheet (HTML) - Premier Farnell Limited.


S5003 Product details

Features:
S5002:
• Pocket clip
• Ball joint head swivels to any position
• Mirror diameter: 1.25" (32mm)
• Telescopic from 6.5" (165mm) to 18.875" (480mm)
S5003:
• Ball joint head swivels to any position
• Large 2.25" (57mm) diameter mirror
• Telescopic from 11.75" (229mm) to 14" (356mm)

Description
Inspection Mirror, Telescopic




Similar Part No. - S5003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S5003 ETC2-S5003 Datasheet
103Kb / 1P
Telescopic Inspection Mirror
More results


Similar Description - S5003

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZDS1009 ZETEX-ZDS1009 Datasheet
124Kb / 5P
COMPLEMENTARY CURRENT MIRROR
logo
Infineon Technologies A...
TLE8203E INFINEON-TLE8203E Datasheet
672Kb / 33P
Mirror Power IC
Rev. 1.0, February 2009
logo
Maxim Integrated Produc...
DS3920_1112 MAXIM-DS3920_1112 Datasheet
1Mb / 7P
Fast Current Mirror
Rev 2; 12/11
logo
List of Unclassifed Man...
68121 ETC2-68121 Datasheet
531Kb / 1P
ESD Inspection Glove
S5002 ETC2-S5002 Datasheet
103Kb / 1P
Telescopic Inspection Mirror
logo
Lightel Technologies IN...
VC-6200-PL LIGHTEL-VC-6200-PL Datasheet
785Kb / 2P
Connector Inspection and Cleaning
logo
Extech Instruments Corp...
BR150 EXTECH-BR150 Datasheet
238Kb / 1P
Video Borescope Inspection Camera
logo
Schneider Electric
VRKP2YYYYY00010 SCHNEIDER-VRKP2YYYYY00010 Datasheet
81Kb / 1P
guiding tubes for telescopic axis
Apr 20, 2022
VRKP4YYYYY00010 SCHNEIDER-VRKP4YYYYY00010 Datasheet
81Kb / 1P
guiding tubes for telescopic axis
Apr 20, 2022
VRKP4YYYYY00011 SCHNEIDER-VRKP4YYYYY00011 Datasheet
108Kb / 2P
Miscellaneous fastener for the telescopic axis
Apr 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com