Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADID-R-0016 Datasheet (PDF) - Abracon Corporation

ADID-R-0016 Datasheet PDF - Abracon Corporation
Part # ADID-R-0016
Download  ADID-R-0016 Download
File Size   876.95 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Mini LTCC RF Diplexer for Bluetooth, Wi-Fi, UWB

ADID-R-0016 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADID-R-0016 Datasheet PDF - Abracon Corporation

Part # ADID-R-0016
Download  ADID-R-0016 Click to download

File Size   876.95 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Mini LTCC RF Diplexer for Bluetooth, Wi-Fi, UWB

ADID-R-0016 Datasheet (HTML) - Abracon Corporation


ADID-R-0016 Product details

Features
•Supporting 2400~2500 / 6200~8200 MHz Simultaneously
•Small Form Factor 1.6 x 0.8 x 0.6 mm
•Low Insertion Loss 1.0 dB
•High Isolation Between Bands
•Temperature Stability Across Wide Temperature Bands
•High-Power Handling up to 3W
•RoHS Compliant




Similar Part No. - ADID-R-0016

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADID-R-0016-Q ABRACON-ADID-R-0016-Q Datasheet
816Kb / 10P
AEC-Q200 RF Diplexer for Bluetooth, Wi-Fi, UWB
01-15-25
ADID-R-0016-Q-EVB ABRACON-ADID-R-0016-Q-EVB Datasheet
816Kb / 10P
AEC-Q200 RF Diplexer for Bluetooth, Wi-Fi, UWB
01-15-25
ADID-R-0016-Q-T ABRACON-ADID-R-0016-Q-T Datasheet
816Kb / 10P
AEC-Q200 RF Diplexer for Bluetooth, Wi-Fi, UWB
01-15-25
More results


Similar Description - ADID-R-0016

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
World Produts Inc.
WPANT10001 WPI-WPANT10001 Datasheet
179Kb / 3P
Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10038 WPI-WPANT10038 Datasheet
52Kb / 1P
Bluetooth / Wi-Fi Flex Antenna
logo
Murata Manufacturing Co...
1DX MURATA-1DX Datasheet
111Kb / 3P
2.4GHz Wi-Fi Bluetooth 4.1 EDR Module
logo
TDK Electronics
ANT1085-4R1-01A-ES4.5 TDK-ANT1085-4R1-01A-ES4.5 Datasheet
91Kb / 4P
LTCC CHIP ANTENNA FOR UWB
logo
List of Unclassifed Man...
SR4W035 ETC1-SR4W035 Datasheet
1Mb / 17P
Antenna for 2.4GHz applications Bluetooth, Wi-Fi, ZigBee, ISM.
logo
Kyocera Kinseki Corpota...
A1001312 KSS-A1001312 Datasheet
1Mb / 9P
Automotive Wi Wi-Fi /BT / ZigbeeZigbeeor UWB Ceramic Antenna
Rev 0
logo
AVX Corporation
1001312 AVX-1001312 Datasheet
1Mb / 9P
Wi -Fi/BT/Zigbee Zigbee or UWB Ceramic Antenna
8/4/2022 Rev. 1
A1001312 AVX-A1001312 Datasheet
1Mb / 9P
Automotive Wi-Fi / BT / Zigbee or UWB Ceramic Antenna
8/5/2022
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com