Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-LC-0044 Datasheet (PDF) - Abracon Corporation

AFII-LC-0044 Datasheet PDF - Abracon Corporation
Part # AFII-LC-0044
Download  AFII-LC-0044 Download
File Size   631.81 Kbytes
Page   9 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 2450MHz High Rejection Band Pass Filter

AFII-LC-0044 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFII-LC-0044 Datasheet PDF - Abracon Corporation

Part # AFII-LC-0044
Download  AFII-LC-0044 Click to download

File Size   631.81 Kbytes
Page   9 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 2450MHz High Rejection Band Pass Filter

AFII-LC-0044 Datasheet (HTML) - Abracon Corporation


AFII-LC-0044 Product details

Features
•Bandpass Ceramic Filter with 100MHz Bandwidth
•Compact in Size 2.0 x 1.25 x 0.9 mm
•Single-Ended Input and Output
•Excellent Selectivity with High Out-of-Band Rejection
•RoHS Compliant




Similar Part No. - AFII-LC-0044

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-LC-0045 ABRACON-AFII-LC-0045 Datasheet
632Kb / 9P
SMD 2450MHz High Rejection Band Pass Filter
11-25-24
AFII-LC-0045-EVB ABRACON-AFII-LC-0045-EVB Datasheet
632Kb / 9P
SMD 2450MHz High Rejection Band Pass Filter
11-25-24
AFII-LC-0047 ABRACON-AFII-LC-0047 Datasheet
702Kb / 10P
SMD UWB High Rejection Band Pass Filter
11-25-24
AFII-LC-0047-EVB ABRACON-AFII-LC-0047-EVB Datasheet
702Kb / 10P
SMD UWB High Rejection Band Pass Filter
11-25-24
AFII-LC-0048 ABRACON-AFII-LC-0048 Datasheet
683Kb / 10P
SMD UWB High Rejection Band Pass Filter
11-25-24
More results


Similar Description - AFII-LC-0044

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
3480BP39A0140 JOHANSON-3480BP39A0140 Datasheet
125Kb / 2P
3.48 GHz Band Pass Filter (UWB High Rejection BPF)
4020BP39A0160 JOHANSON-4020BP39A0160 Datasheet
126Kb / 2P
4.02 GHz Band Pass Filter (UWB High Rejection BPF)
4560BP39A0180 JOHANSON-4560BP39A0180 Datasheet
133Kb / 2P
4.56 GHz Band Pass Filter (UWB High Rejection BPF)
logo
Abracon Corporation
ADFC15-245000-A-T ABRACON-ADFC15-245000-A-T Datasheet
834Kb / 2P
SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC18-245000-A-T ABRACON-ADFC18-245000-A-T Datasheet
803Kb / 2P
SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC15-2450-00-A-T ABRACON-ADFC15-2450-00-A-T Datasheet
834Kb / 2P
SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC18-2450.00-A-T ABRACON-ADFC18-2450.00-A-T Datasheet
803Kb / 2P
SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
logo
Johanson Technology Inc...
5235CR45A0180 JOHANSON-5235CR45A0180 Datasheet
198Kb / 5P
5.24GHz High Rejection UNII-low Band Pass Filter
5697CR45A0360 JOHANSON-5697CR45A0360 Datasheet
186Kb / 5P
5.67GHz High Rejection UNII-High, Band Pass Filter
6120BP39A0240 JOHANSON-6120BP39A0240 Datasheet
127Kb / 2P
6.12 GHz Band Pass Filter (UWB High Rejection BPF)
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com