Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82 Datasheet (PDF) - STMicroelectronics

M41T82 Datasheet PDF - STMicroelectronics
Part # M41T82_V01
Download  M41T82 Download
File Size   1794.46 Kbytes
Page   64 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Serial I2C bus real-time clock (RTC) with battery switchover

M41T82 Datasheet (PDF)

Go To PDF Page Download Datasheet
M41T82 Datasheet PDF - STMicroelectronics

Part # M41T82_V01
Download  M41T82 Click to download

File Size   1794.46 Kbytes
Page   64 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Serial I2C bus real-time clock (RTC) with battery switchover

M41T82 Datasheet (HTML) - STMicroelectronics


M41T82 Product details

Features
· Ultra-low battery supply current of 365 nA
· Factory-calibrated accuracy of ±5 ppm typical
after 2 reflows (SOX18)
– Much better accuracies achievable using
built-in programmable analog and digital
calibration circuits
· 2.0 V to 5.5 V clock operating voltage
· Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
year, and century
· Automatic switchover and reset output circuitry
(fixed reference)
– M41T83S: VCC = 3.00 V to 5.50 V
– M41T83R: VCC = 2.70 V to 5.50 V
– M41T83Z: VCC = 2.38 V to 5.50 V
· Serial interface supports I2C bus (400 kHz
protocol)
· Programmable alarm with interrupt function
(valid even during battery backup mode)
· Optional 2nd programmable alarm available
· Square wave output defaults to 32 KHz on
power-up (M41T83 only)
· RESET (RST) output
· Watchdog timer
· Programmable 8-bit counter/timer
· 7 bytes of battery-backed user SRAM
· Battery low flag
· Low operating current of 80 μA
· Oscillator stop detection
· Battery or SuperCap™ backup
· Operating temperature of –40 °C to 85 °C
· Package options
– a 16-lead QFN (M41T83)
– an 8-lead SOIC (M41T82) or
– an 18-lead embedded crystal SOIC
(M41T83)
· RoHS compliance: lead-free components are
compliant with the RoHS directive




Similar Part No. - M41T82_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T82RM6E STMICROELECTRONICS-M41T82RM6E Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
M41T82RM6E STMICROELECTRONICS-M41T82RM6E Datasheet
989Kb / 61P
Serial I2C bus RTC with battery switchover
19-Oct-2010
M41T82RM6F STMICROELECTRONICS-M41T82RM6F Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
M41T82RM6F STMICROELECTRONICS-M41T82RM6F Datasheet
989Kb / 61P
Serial I2C bus RTC with battery switchover
19-Oct-2010
M41T82RMY6E STMICROELECTRONICS-M41T82RMY6E Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
More results


Similar Description - M41T82_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
Serial SPI bus RTC with battery switchover
07-Aug-2006
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
Serial SPI bus RTC with battery switchover
22-Oct-2007
M41T82 STMICROELECTRONICS-M41T82_08 Datasheet
465Kb / 58P
Serial I2C bus RTC with battery switchover
17-Apr-2008
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
Serial SPI bus RTC with battery switchover
15-Aug-2008
M41T82 STMICROELECTRONICS-M41T82_10 Datasheet
989Kb / 61P
Serial I2C bus RTC with battery switchover
19-Oct-2010
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
Serial real-time clock (RTC) with audio
06-Feb-2012
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
Serial I2C bus real-time clock (RTC) with battery switchover
26-Oct-2012
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
Serial SPI bus real-time clock with battery switchover
12-Oct-2011
logo
Microchip Technology
MCP79400 MICROCHIP-MCP79400_13 Datasheet
1Mb / 42P
I2C Real-Time Clock/Calendar with SRAM, Unique IDand Battery Switchover
11/29/11
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com