Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T94MQ6F Datasheet (PDF) - STMicroelectronics

M41T94MQ6F Datasheet PDF - STMicroelectronics
Part # M41T94MQ6F
Download  M41T94MQ6F Download
File Size   569.57 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Serial real-time clock with 44 bytes NVRAM and reset

M41T94MQ6F Datasheet (PDF)

Go To PDF Page Download Datasheet
M41T94MQ6F Datasheet PDF - STMicroelectronics

Part # M41T94MQ6F
Download  M41T94MQ6F Click to download

File Size   569.57 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Serial real-time clock with 44 bytes NVRAM and reset

M41T94MQ6F Datasheet (HTML) - STMicroelectronics


M41T94MQ6F Product details

Features
· Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
year, and century
· 32 KHz crystal oscillator integrating load
capacitance (12.5 pF) providing exceptional
oscillator stability and high crystal series
resistance operation
· Serial peripheral interface (2 MHz SPI)
· Ultralow battery supply current of 500 nA (max)
· 2.7 to 5.5 V operating voltage
· 2.5 to 5.5 V oscillator operating voltage
· Battery low flag
· Automatic switchover and deselect circuitry
· 44 bytes of general purpose RAM
· Programmable alarm and interrupt function
(valid even during battery backup mode)
· Accurate programmable watchdog timer (from
62.5 ms to 128 s)
· Microprocessor power-on reset
· Choice of power-fail deselect voltages
(VCC = 2.7 to 5.5 V):
– THS = VSS; 2.55 V £ VPFD £ 2.70 V
– THS = VCC; 4.20 V £ VPFD £ 4.50 V
· Packaging includes a 28-lead SOIC and
SNAPHAT® top (to be ordered separately) or
16-lead SOIC
· 28-lead SOIC package provides direct
connection for a SNAPHAT® top which
contains the battery and crystal
· RoHS compliant
– Lead-free second level interconnect




Similar Part No. - M41T94MQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T94MQ6F STMICROELECTRONICS-M41T94MQ6F Datasheet
433Kb / 31P
512 Bit 64 bit x8 SERIAL RTC SPI SRAM
Rev. 2.0
M41T94MQ6F STMICROELECTRONICS-M41T94MQ6F Datasheet
328Kb / 40P
Serial Real Time Clock with 44Bytes NVRAM and Reset
29-Aug-2006
M41T94MQ6F STMICROELECTRONICS-M41T94MQ6F Datasheet
346Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
09-Nov-2007
M41T94MQ6F STMICROELECTRONICS-M41T94MQ6F Datasheet
358Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
13-Jan-2009
More results


Similar Description - M41T94MQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T11 STMICROELECTRONICS-M41T11 Datasheet
231Kb / 29P
Serial Real Time Clock with 56 Bytes of NVRAM
22-Aug-2006
logo
Texas Instruments
BQ4287 TI-BQ4287 Datasheet
142Kb / 8P
Real-Time Clock Module With NVRAM Control
logo
STMicroelectronics
M41T94 STMICROELECTRONICS-M41T94_06 Datasheet
328Kb / 40P
Serial Real Time Clock with 44Bytes NVRAM and Reset
29-Aug-2006
M41T94 STMICROELECTRONICS-M41T94_07 Datasheet
346Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
09-Nov-2007
M41T11 STMICROELECTRONICS-M41T11_08 Datasheet
254Kb / 29P
Serial real-time clock with 56 bytes of NVRAM
02-May-2008
M41T56 STMICROELECTRONICS-M41T56_07 Datasheet
222Kb / 25P
Serial real-time clock with 56 bytes NVRAM
13-Dec-2007
M41T94 STMICROELECTRONICS-M41T94_09 Datasheet
358Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
13-Jan-2009
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
Serial real-time clock (RTC) with 56 bytes of NVRAM
11-Jun-2012
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
Serial real-time clock (RTC) with 56 bytes NVRAM
06-Dec-2011
logo
Texas Instruments
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
Real-Time Clock Module With NVRAM Control
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com