Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T512V Datasheet (PDF) - STMicroelectronics

M48T512V Datasheet PDF - STMicroelectronics
Part # M48T512V
Download  M48T512V Download
File Size   370.39 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER® SRAM

M48T512V Datasheet (PDF)

Go To PDF Page Download Datasheet
M48T512V Datasheet PDF - STMicroelectronics

Part # M48T512V
Download  M48T512V Click to download

File Size   370.39 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER® SRAM

M48T512V Datasheet (HTML) - STMicroelectronics


M48T512V Product details

Features
■ Integrated ultra low power SRAM, real-time
clock, power-fail control circuit, battery, and
crystal
■ BCD coded year, month, day, date, hours,
minutes, and seconds
■ Automatic power-fail chip deselect and WRITE
protection
■ WRITE protect voltages:
(VPFD = power-fail deselect voltage)
– M48T512Y: VCC = 4.5 to 5.5 V;
4.2 V ≤ VPFD ≤ 4.5 V
– M48T512V: VCC = 3.0 to 3.6 V;
2.7 V ≤ VPFD ≤ 3.0 V
■ Conventional SRAM operation; unlimited
WRITE cycles
■ Software controlled clock calibration for high
accuracy applications
■ 10 years of data retention and clock operation
in the absence of power
■ Pin and function compatible with industry
standard 512 K x 8 SRAMS
■ Self-contained battery and crystal in DIP
package
■ RoHS compliant
– Lead-free second level interconnect




Similar Part No. - M48T512V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T512V STMICROELECTRONICS-M48T512V Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
M48T512V STMICROELECTRONICS-M48T512V Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48T512V-70PM1 STMICROELECTRONICS-M48T512V-70PM1 Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
M48T512V-70PM1 STMICROELECTRONICS-M48T512V-70PM1 Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48T512V-85PM1 STMICROELECTRONICS-M48T512V-85PM1 Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
More results


Similar Description - M48T512V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
21-Dec-2006
M48T129Y STMICROELECTRONICS-M48T129Y_05 Datasheet
481Kb / 30P
5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
Feb-2005
logo
Hanbit Electronics Co.,...
HMNR5128D HANBIT-HMNR5128D Datasheet
274Kb / 13P
5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
logo
STMicroelectronics
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
09-Jun-2010
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48T59 STMICROELECTRONICS-M48T59_08 Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
02-Aug-2010
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
20-Jul-2010
M48Z512A STMICROELECTRONICS-M48Z512A_10 Datasheet
341Kb / 21P
4 Mbit (512 Kbit x 8) ZEROPOWER® SRAM
02-Aug-2010
logo
DLG Hanbit co.,Ltd.
HMNR5128D DLGHANBIT-HMNR5128D Datasheet
724Kb / 11P
5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com