Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC365 Datasheet (PDF) - STMicroelectronics

M74HC365 Datasheet PDF - STMicroelectronics
Part # M74HC365
Download  M74HC365 Download
File Size   535.33 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Hex bus buffer with 3-state outputs (non-inverting)

M74HC365 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC365 Datasheet PDF - STMicroelectronics

Part # M74HC365
Download  M74HC365 Click to download

File Size   535.33 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Hex bus buffer with 3-state outputs (non-inverting)

M74HC365 Datasheet (HTML) - STMicroelectronics


M74HC365 Product details

Features
• High-speed:
tPD = 10 ns (typ.) at VCC = 6 V
• Low power dissipation:
ICC = 4 μA (max.) at TA = 25 °C
• High noise immunity:
VNIH = VNIL = 28 % VCC (min)
• Symmetrical output impedance:
|IOH| = IOL = 6 mA (min.)
• Balanced propagation delays:
tPLH ≅ tPHL
• Wide operating voltage range:
VCC (opr) = 2 V to 6 V
• Pin and function compatible with 74 series 365
• ESD performance
– HBM: 2 kV
– MM: 200 V
– CDM: 1 kV




Similar Part No. - M74HC365

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC365 STMICROELECTRONICS-M74HC365 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M74HC365 STMICROELECTRONICS-M74HC365 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
M74HC365 STMICROELECTRONICS-M74HC365 Datasheet
241Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
Jul-2001
M74HC365B1R STMICROELECTRONICS-M74HC365B1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M74HC365B1R STMICROELECTRONICS-M74HC365B1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
More results


Similar Description - M74HC365

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
Oct-1992
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP Datasheet
232Kb / 6P
OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
229Kb / 11P
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
03-May-2004
M74HCT367 STMICROELECTRONICS-M74HCT367 Datasheet
203Kb / 9P
HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
Sep-2001
M74HC365 STMICROELECTRONICS-M74HC365_01 Datasheet
241Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
Jul-2001
M74HC366 STMICROELECTRONICS-M74HC366_01 Datasheet
246Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUTS (INVERTING)
Jul-2001
M74HC367 STMICROELECTRONICS-M74HC367 Datasheet
242Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com