Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-814 Datasheet (PDF) - Seiko Instruments Inc

S-814 Datasheet PDF - Seiko Instruments Inc
Part # S-814
Download  S-814 Download
File Size   518.41 Kbytes
Page   32 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description LOW DROPOUT CMOS VOLTAGE REGULATOR

S-814 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-814 Datasheet PDF - Seiko Instruments Inc

Part # S-814
Download  S-814 Click to download

File Size   518.41 Kbytes
Page   32 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description LOW DROPOUT CMOS VOLTAGE REGULATOR

S-814 Datasheet (HTML) - Seiko Instruments Inc


S-814 Product details

LOW DROPOUT CMOS VOLTAGE REGULATOR

The S-814 Series is a low dropout voltage, high output voltage accuracy and low current consumption positive voltage regulator developed utilizing CMOS technology. Built-in low ON-resistance transistors provide low dropout voltage and large output current. A shutdown circuit ensures long battery life.
Various types of output capacitors can be used in the S-814 Series compared with the past CMOS voltage regulators. (i.e., Small ceramic capacitors can also be used in the S-814 Series.)
The SOT-23-5 miniaturized package and the SOT-89-5 packages are recommended to use for configuring portable devices and large output current applications, respectively.

Features
• Low current consumption
   At operation mode: Typ. 30 μA, Max. 40 μA
   At shutdown mode: Typ. 100 nA, Max. 500 nA
• Output voltage:        0.1 V steps between 2.0 and 6.0 V
• High accuracy output voltage: ±2.0 %
• Output current:                        110 mA capable: 3.0 V output product, at VIN=4 V*1
                                                  180 mA capable: 5.0 V output product, at VIN=6 V*1
• Low dropout voltage:               Typ. 170 mV: 5.0 V output product, at IOUT=60 mA
• Built-in shutdown circuit
• Built-in short-circuit protection
• Low ESR capacitor, e.g. a ceramic capacitor of 0.47 μF or more, can be used as the output capacitor.
• Small package:                         SOT-23-5 and SOT-89-5
• Lead-free products

Applications
• Power source for battery-powered devices, personal communication devices, and home electric/electronic appliances.




Similar Part No. - S-814

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8100 SII-S-8100 Datasheet
284Kb / 6P
CMOS TEMPERATURE COMPENSATION IC
logo
Cooper Bussmann, Inc.
S-8100 COOPER-S-8100 Datasheet
129Kb / 2P
1/4 x 11/4 Fuse Blocks
S-8100 COOPER-S-8100 Datasheet
69Kb / 2P
1/4x1-1/4 Fuseblocks
S-8100 COOPER-S-8100 Datasheet
120Kb / 2P
S-8000 Series
S-8100 COOPER-S-8100 Datasheet
120Kb / 2P
1/4" x 11/4" Fuse Blocks
More results


Similar Description - S-814

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
CMOS Low Dropout Voltage Regulator
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2128 GTM-GSC2128 Datasheet
577Kb / 6P
CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-818 SII-S-818_1 Datasheet
525Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com