Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-816 Datasheet (PDF) - Seiko Instruments Inc

S-816 Datasheet PDF - Seiko Instruments Inc
Part # S-816
Download  S-816 Download
File Size   645.48 Kbytes
Page   24 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR

S-816 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-816 Datasheet PDF - Seiko Instruments Inc

Part # S-816
Download  S-816 Click to download

File Size   645.48 Kbytes
Page   24 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR

S-816 Datasheet (HTML) - Seiko Instruments Inc


S-816 Product details

EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR

The S-816 Series consists of external transistor type positive voltage regulators, which have been developed using the CMOS process. These voltage regulators incorporate an overcurrent protection, and shutdown function. A low drop-out type regulator with an output current ranging from several hundreds of mA to 1 A can be configured with the PNP transistor driven by this IC.
Despite the features of the S-816, which is low current consumption, the improvement in its transient response characteristics of the IC with a newly deviced phase compensation circuit made it possible to employ the products of the S-816 Series even in applications where heavy input variation or load variation is experienced.
The S-816 Series regulators serve as ideal power supply units for portable devices when coupled with the SOT-23-5 minipackage, providing numerous outstanding features, including low current consumption. Since this series can accommodate an input voltage of up to 16 V, it is also suitable when operating via an AC adapter.

Features
(1) Low current consumption
              • Operation mode: 30 µA typ., 40 µA max.
              • Shutdown mode: 1 µA max.
(2) Input voltage range: 16 V max.
(3) Output voltage accuracy: ± 2.0%
(4) Output voltage range: Selectable between 2.5 V and 6.0 V in steps of 0.1 V.
(5) With shutdown function.
(6) A built-in current source (10 µA) eliminates the need of a base-emitter resistance.
(7) With overcurrent (base current) protection function.
(8) Lead-free products

Applications
• Power supplies for on-board such as battery devices for portable telephones, electronic notebooks, PDAs.
• Constant voltage power supplies for cameras, video equipment and portable communications equipment.
• Power Supplies for CPUs.
• Post-Regulators for Switching Regulators.
• Main Regulators in Multiple-Power Supply Systems.




Similar Part No. - S-816

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
S-816A25AMC-BAAT2X ABLIC-S-816A25AMC-BAAT2X Datasheet
662Kb / 24P
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
S-816A26AMC-BABT2X ABLIC-S-816A26AMC-BABT2X Datasheet
662Kb / 24P
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
S-816A27AMC-BACT2X ABLIC-S-816A27AMC-BACT2X Datasheet
662Kb / 24P
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
S-816A28AMC-BADT2X ABLIC-S-816A28AMC-BADT2X Datasheet
662Kb / 24P
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
More results


Similar Description - S-816

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78BC00 MOTOROLA-MC78BC00 Datasheet
98Kb / 8P
VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF Datasheet
134Kb / 12P
LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
RN5RG RICOH-RN5RG Datasheet
125Kb / 11P
VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
CMOS Voltage regulator
logo
Seiko Instruments Inc
S816 SII-S816 Datasheet
796Kb / 24P
EXTERNAL TRANSISTOR TYPE
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
CMOS Voltage regulator
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B25A-V5T2U SII-S-19212B25A-V5T2U Datasheet
3Mb / 58P
CMOS VOLTAGE REGULATOR
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com