Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2CANFD36UT-QR Datasheet (PDF) - TECH PUBLIC Electronics co LTD

PESD2CANFD36UT-QR Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # PESD2CANFD36UT-QR
Download  PESD2CANFD36UT-QR Download
File Size   2040.08 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line bi-directional TVS Diode

PESD2CANFD36UT-QR Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD2CANFD36UT-QR Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # PESD2CANFD36UT-QR
Download  PESD2CANFD36UT-QR Click to download

File Size   2040.08 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line bi-directional TVS Diode

PESD2CANFD36UT-QR Datasheet (HTML) - TECH PUBLIC Electronics co LTD


PESD2CANFD36UT-QR Product details

Features
o Low operating voltage: 36V
« Ultra low capacitance: 4pF
o Ultra low leakage: nA level
o Low clamping voltage
o —IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV
Contact discharge: +30kV
—IEC61000-4-4 (EFT) 40A (5/50ns)
o 3-pin leadless package
These are Pb-Free Devices
« Response Time is Typically < 1 ns




Similar Part No. - PESD2CANFD36UT-QR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD2CANFD36UT-Q NEXPERIA-PESD2CANFD36UT-Q Datasheet
218Kb / 11P
ESD protection for in-vehicle networks
15 September 2022
More results


Similar Description - PESD2CANFD36UT-QR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
PESD5V0L2BT TECHPUBLIC-PESD5V0L2BT Datasheet
1Mb / 4P
2-Line Bi-directional TVS Diode
NUP2105LT1G TECHPUBLIC-NUP2105LT1G Datasheet
2Mb / 4P
2-Line bi -directional TVS Diode
PESD15VL2BT TECHPUBLIC-PESD15VL2BT Datasheet
1Mb / 4P
2-Line Bi-directional TVS Diode
SMC05 TECHPUBLIC-SMC05 Datasheet
1Mb / 4P
2-Line Bi-directional TVS Diode
PESD5V0U2BT TECHPUBLIC-PESD5V0U2BT Datasheet
942Kb / 4P
2-Line BI-directional TVS Diode
SM03C TECHPUBLIC-SM03C Datasheet
970Kb / 4P
2-Line Bi-directional TVS Diode
SM05C TECHPUBLIC-SM05C Datasheet
975Kb / 4P
2-Line Bi-directional TVS Diode
TPPESD12VL2BT TECHPUBLIC-TPPESD12VL2BT Datasheet
1Mb / 4P
2-Line Bi -directional TVS Diode
TPPESD15VL2BT TECHPUBLIC-TPPESD15VL2BT Datasheet
1Mb / 4P
2-Line Bi -directional TVS Diode
TPNUP2105LT1G TECHPUBLIC-TPNUP2105LT1G Datasheet
1Mb / 4P
2-Line Bi -directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com