Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3853 Datasheet (PDF) - Texas Instruments

LP3853 Datasheet PDF - Texas Instruments
Part # LP3853
Download  LP3853 Download
File Size   1781.28 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators

LP3853 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3853 Datasheet PDF - Texas Instruments

Part # LP3853
Download  LP3853 Click to download

File Size   1781.28 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators

LP3853 Datasheet (HTML) - Texas Instruments


LP3853 Product details

1FEATURES
2• Ultra Low Dropout Voltage
• Stable with Selected Ceramic Capacitors
• Low Ground Pin Current
• Load Regulation of 0.08%
• 10nA Quiescent Current in Shutdown Mode
• Ensured Output Current of 3A DC
• Available in TO-263 and TO-220 Packages
• Output Voltage Accuracy ± 1.5%
• Error Flag Indicates Output Status
• Sense Option Improves Load Regulation
• Overtemperature/overcurrent Protection
• −40°C to +125°C Junction Temperature Range

APPLICATIONS
• Microprocessor Power Supplies
• Stable with Ceramic Output Capacitors
• GTL, GTL+, BTL, and SSTL Bus Terminators
• Power Supplies for DSPs
• SCSI Terminator
• Post Regulators
• High Efficiency Linear Regulators
• Battery Chargers
• Other Battery Powered Applications

DESCRIPTION
The LP3853/LP3856 series of fast ultra low-dropout
linear regulators operate from a +2.5V to +7.0V input
supply. Wide range of preset output voltage options
are available. These ultra low dropout linear
regulators respond very quickly to step changes in
load, which makes them suitable for low voltage microprocessor applications. The LP3853/LP3856 are
developed on a CMOS process which allows low
quiescent current operation independent of output
load current. This CMOS process also allows the
LP3853/LP3856 to operate under extremely low
dropout conditions.
Dropout Voltage: Ultra low dropout voltage; typically
39mV at 300mA load current and 390mV at 3A load
current.
Ground Pin Current: Typically 4mA at 3A load
current.
Shutdown Mode: Typically 10nA quiescent current
when the shutdown pin is pulled low.
Error Flag:Error flag goes low when the output
voltage drops 10% below nominal value.
SENSE: Sense pin improves regulation at remote
loads.
Precision Output Voltage: Multiple output voltage
options are available ranging from 1.8V to 5.0V with a
ensured accuracy of ±1.5% at room temperature, and ±3.0% over all conditions (varying line, load, and
temperature).




Similar Part No. - LP3853

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3853ES-1.8 NSC-LP3853ES-1.8 Datasheet
417Kb / 18P
3A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3853ES-1.8 TI1-LP3853ES-1.8 Datasheet
2Mb / 25P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
LP3853ES-1.8/NOPB TI1-LP3853ES-1.8/NOPB Datasheet
2Mb / 25P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3853ES-2.5 NSC-LP3853ES-2.5 Datasheet
417Kb / 18P
3A Fast Response Ultra Low Dropout Linear Regulators
More results


Similar Description - LP3853

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3856-ADJ NSC-LP3856-ADJ Datasheet
745Kb / 15P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3853ET-33 TI1-LP3853ET-33 Datasheet
2Mb / 25P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
LP3856-ADJ TI-LP3856-ADJ_15 Datasheet
1Mb / 22P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
3A Fast Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
3A Fast-Response Ultra Low Dropout Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com