Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204D Datasheet (PDF) - Texas Instruments

LSF0204D Datasheet PDF - Texas Instruments
Part # LSF0204D
Download  LSF0204D Download
File Size   2480.97 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application

LSF0204D Datasheet (PDF)

Go To PDF Page Download Datasheet
LSF0204D Datasheet PDF - Texas Instruments

Part # LSF0204D
Download  LSF0204D Click to download

File Size   2480.97 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application

LSF0204D Datasheet (HTML) - Texas Instruments


LSF0204D Product details

1 Features
• Provides bidirectional voltage translation with no
direction terminal
• Supports up to 100-MHz up translation and greater
than 100-MHz down translation
at ≤ 30-pF capacitor load and up to 40-MHz up/
down translation at 50-pF capacitor load
• Supports Ioff, partial power-down mode (refer to
Feature Description)
• Allows bidirectional voltage level translation
between
– 0.8 V ↔ 1.8, 2.5, 3.3, 5 V
– 1.2 V ↔ 1.8, 2.5, 3.3, 5 V
– 1.8 V ↔ 2.5, 3.3, 5 V
– 2.5 V ↔ 3.3, 5 V
– 3.3 V ↔ 5 V
• Low standby current
• 5 V Tolerance I/O port to support TTL
• Low Ron provides less signal distortion
• High-impedance I/O terminals for EN = Low
• Flow-through pinout for easy PCB trace routing
• Latch-up performance exceeds 100 mA per
JESD17
• –40°C to 125°C operating temperature range
• ESD performance tested per JESD 22
– 2000-V human-body model (A114-B, Class II)
– 200-V machine model (A115-A)
– 1000-V charged-device model (C101)

2 Applications
• GPIO, MDIO, PMBus, SMBus, SDIO, UART, I2C,
and other interfaces in telecom infrastructure
• Industrial
• Automotive
• Personal computing

3 Description
The LSF family consists of bidirectional voltage
level translators that operate from 0.8 V to 4.5 V
(Vref_A) and 1.8 V to 5.5 V (Vref_B). This range
allows for bidirectional voltage translations between
0.8 V and 5.0 V without the need for a direction
terminal in open-drain or push-pull applications. The
LSF family supports level translation applications with
transmission speeds greater than 100 MHz for opendrain
systems that utilize a 15-pF capacitance and
165-Ω pull-up resistor.
When the An or Bn port is LOW, the switch is in
the ON-state and a low resistance connection exists
between the An and Bn ports. The low Ron of the
switch allows connections to be made with minimal
propagation delay and signal distortion. The voltage
on the A or B side will be limited to Vref_A and
can be pulled up to any level between Vref_A and
5 V. This functionality allows a seamless translation
between higher and lower voltages selected by the
user without the need for directional control.




Similar Part No. - LSF0204D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0204D TI1-LSF0204D Datasheet
1Mb / 32P
4-Bits Bidirectional Multi-Voltage Level Translator
LSF0204DPWR TI1-LSF0204DPWR Datasheet
1Mb / 32P
4-Bits Bidirectional Multi-Voltage Level Translator
LSF0204DRGYR TI1-LSF0204DRGYR Datasheet
1Mb / 32P
4-Bits Bidirectional Multi-Voltage Level Translator
LSF0204DRUTR TI1-LSF0204DRUTR Datasheet
1Mb / 32P
4-Bits Bidirectional Multi-Voltage Level Translator
LSF0204DYZPR TI1-LSF0204DYZPR Datasheet
1Mb / 32P
4-Bits Bidirectional Multi-Voltage Level Translator
More results


Similar Description - LSF0204D

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3208 UNIONSEMI-UM3208 Datasheet
383Kb / 11P
8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204 Datasheet
356Kb / 13P
4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
Bidirectional voltage level translator for open-drain and push-pull applications
UM3202 UNIONSEMI-UM3202_16 Datasheet
363Kb / 15P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204_14 Datasheet
366Kb / 15P
4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Nexperia B.V. All right...
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
logo
Nexperia B.V. All right...
LSF0204 NEXPERIA-LSF0204 Datasheet
244Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 28 October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com