Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F41X2 Datasheet (PDF) - Texas Instruments

MSP430F41X2 Datasheet PDF - Texas Instruments
Part # MSP430F41X2
Download  MSP430F41X2 Download
File Size   2561.75 Kbytes
Page   85 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F41X2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F41X2 Datasheet PDF - Texas Instruments

Part # MSP430F41X2
Download  MSP430F41X2 Click to download

File Size   2561.75 Kbytes
Page   85 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F41X2 Datasheet (HTML) - Texas Instruments


MSP430F41X2 Product details

Low Supply-Voltage Range, 1.8 V to 3.6 V
Ultralow Power Consumption
Active Mode: 220 A at 1 MHz, 2.2 V
Standby Mode: 0.9 A
Off Mode (RAM Retention): 0.1 A
Five Power-Saving Modes
Wake-Up From Standby Mode in Less
Than 6 s
-- Internal Very Low Power,
Low-Frequency Oscillator
16-Bit RISC Architecture,
125-ns Instruction Cycle Time
16-Bit Timer_A With Three
Capture/Compare Registers
16-Bit Timer_A With Five Capture/Compare
Registers
Two Universal Serial Communication
Interfaces (USCIs)
USCI_A0
-- Enhanced UART Supporting
Auto-Baudrate Detection
-- IrDA Encoder and Decoder
-- Synchronous SPI
USCI_B0
-- I2C
-- Synchronous SPI
Supply Voltage Supervisor/Monitor With
Programmable Level Detection
Integrated LCD Driver With Contrast
Control for Up to 144 Segments
Basic Timer With Real Time Clock Feature
Brownout detector
On-Chip Comparator for Analog Signal
Compare Function or Slope A/D
10-Bit 200-ksps Analog-to-Digital (A/D)
Converter With Internal Reference,
Sample-and-Hold, Autoscan, and Data
Transfer Controller
Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
Bootstrap Loader
On-Chip Emulation Module
Family Members Include:
MSP430F4152: 16KB+256B Flash Memory
512B RAM
MSP430F4132: 8KB+256B Flash Memory
512B RAM
Available in 64-Pin QFP Package and
48-Pin QFN Package (See Available
Options)
For Complete Module Descriptions, See
The MSP430x4xx Family User’s Guide,
Literature Number SLAU056

description
The Texas Instruments MSP430 family of ultralow-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes, is optimized to achieve extended battery life in portablemeasurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generator that contribute to maximum code
efficiency.The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6 s.
TheMSP430F41x2 is a microcontroller configurationwith two 16-bit timers, a basic timerwith a real--time clock,
a 10-bit A/D converter, a versatile analog comparator, two universal serial communication interfaces, up to 48
I/O pins, and a liquid crystal display driver.
Typical applications for this device include analog and digital sensor systems, remote controls, thermostats,
digital timers, hand-held meters, etc.




Similar Part No. - MSP430F41X2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
MIXED SIGNAL MICROCONTROLLER
MSP430F41X2 TI1-MSP430F41X2 Datasheet
1Mb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F41X2 TI1-MSP430F41X2_14 Datasheet
1Mb / 83P
MIXED SIGNAL MICROCONTROLLER
More results


Similar Description - MSP430F41X2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com