Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-1121 Datasheet (PDF) - Seiko Instruments Inc

S-1121 Datasheet PDF - Seiko Instruments Inc
Part # S-1121
Download  S-1121 Download
File Size   290.37 Kbytes
Page   25 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description HIGH RIPPLE-REJECTION LOW DROPOUT

S-1121 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-1121 Datasheet PDF - Seiko Instruments Inc

Part # S-1121
Download  S-1121 Click to download

File Size   290.37 Kbytes
Page   25 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description HIGH RIPPLE-REJECTION LOW DROPOUT

S-1121 Datasheet (HTML) - Seiko Instruments Inc


S-1121 Product details

The S-1111/1121 Series is a positive voltage regulator with a low dropout voltage, high output voltage accuracy, and low current consumption developed based on CMOS technology.

A built-in low on-resistance transistor provides a low dropout voltage and large output current, and a built-in overcurrent protector prevents the load current from exceeding the current capacitance of the output transistor. An ON/OFF circuit ensures a long battery life, and a small SOT-23-5 package realize high-density mounting. The lineup includes the S-1111 and S-1121 Series, which differ in pin configuration.



Features

• Output voltage: 1.5 V to 5.5 V, selectable in 0.1 V steps.

• High-accuracy output voltage: ±1.0%

• Low dropout voltage: 200 mV typ. (3.0 V output product, IOUT = 100 mA)

• Low current consumption: During operation: 35 μA typ., 65 μA max.

                                     During shutdown: 0.1 μA typ., 1.0 μA max.

• High peak current capability: 150 mA output is possible (at VIN ≥ VOUT(S) + 1.0 V)*1

• Built-in ON/OFF circuit: Ensures long battery life.

• High ripple rejection: 70 dB typ. (at 1.0 kHz)

• Built-in overcurrent protector: Overcurrent of output transistor can be restricted.

• Small package: SOT-23-5

• Lead-free products

*1. Attention should be paid to the power dissipation of the package when the output current is large.



Applications

• Power supply for battery-powered devices

• Power supply for personal communication devices

• Power supply for home electric/electronic appliances

• Power supply for cellular phones



 




Similar Part No. - S-1121

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1122 SII-S-1122 Datasheet
388Kb / 29P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1122 SII-S-1122 Datasheet
412Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1122B15MC-L8ATFG SII-S-1122B15MC-L8ATFG Datasheet
388Kb / 29P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1122B15MC-L8ATFG SII-S-1122B15MC-L8ATFG Datasheet
412Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1122B15MC-L8ATFX ABLIC-S-1122B15MC-L8ATFX Datasheet
494Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
More results


Similar Description - S-1121

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
SL2980 SII-SL2980 Datasheet
367Kb / 23P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1701 SII-S1701 Datasheet
935Kb / 71P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1172 SII-S1172 Datasheet
554Kb / 35P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1170 SII-S1170 Datasheet
685Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1165 SII-S1165 Datasheet
397Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1155 SII-S1155 Datasheet
486Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1135 SII-S1135 Datasheet
924Kb / 48P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1132 SII-S1132 Datasheet
573Kb / 35P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1112 SII-S1112 Datasheet
664Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S13A1 SII-S13A1 Datasheet
1Mb / 75P
HIGH RIPPLE-REJECTION LOW DROPOUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com