Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-K2G Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-K2G Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-K2G
Download  FTR-K2G Download
File Size   1341.34 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE – 20A, 3.0mm contact gap

FTR-K2G Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-K2G Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-K2G
Download  FTR-K2G Click to download

File Size   1341.34 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE – 20A, 3.0mm contact gap

FTR-K2G Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-K2G Product details

FEATURES
 Contact gap min. 3.0mm
 Full disconnection
 1 Pole, 1 Form A
 Maximum inrush current 120A (TV-8) (UL) (VDE)
 High insulation
Reinforced insulation
Insulation distance between coil and contact:
- Clearance min. 8.0mm, creepage min. 9.5mm
- Dielectric strength: 5KV
- Surge strength: 10KV
 Heat resistance, flammability
Class B (130°C) coil wire class, flammability UL94V-0 (plastic)
 Safety standards
UL, CSA, VDE approved
 Flux proof type. RT II
 RoHS compliant




Similar Part No. - FTR-K2G

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K2GAK005T FUJITSU-FTR-K2GAK005T Datasheet
452Kb / 8P
POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K2GAK006T FUJITSU-FTR-K2GAK006T Datasheet
452Kb / 8P
POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K2GAK009T FUJITSU-FTR-K2GAK009T Datasheet
452Kb / 8P
POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K2GAK012T FUJITSU-FTR-K2GAK012T Datasheet
452Kb / 8P
POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
More results


Similar Description - FTR-K2G

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
POWER RELAY 1 POLE - 25A - 1.5mm contact gap
logo
Omron Electronics LLC
G5LE-E OMRON-G5LE-E Datasheet
375Kb / 5P
Single-pole 10A35VDC 0.8mm Contact Gap Power Relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com