Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430FR5722IPW Datasheet (PDF) - Texas Instruments

MSP430FR5722IPW Datasheet PDF - Texas Instruments
Part # MSP430FR5722IPW
Download  MSP430FR5722IPW Download
File Size   3518.85 Kbytes
Page   121 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430FR572x Mixed-Signal Microcontrollers

MSP430FR5722IPW Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430FR5722IPW Datasheet PDF - Texas Instruments

Part # MSP430FR5722IPW
Download  MSP430FR5722IPW Click to download

File Size   3518.85 Kbytes
Page   121 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430FR572x Mixed-Signal Microcontrollers

MSP430FR5722IPW Datasheet (HTML) - Texas Instruments


MSP430FR5722IPW Product details

1.1 Features 1
• Embedded Microcontroller
– 16-Bit RISC Architecture up to 8-MHz Clock
– Wide Supply Voltage Range (2 V to 3.6 V)
– –40°C to 85°C Operation
• Optimized Ultra-Low-Power Modes
– Active Mode: 81.4 μA/MHz (Typical)
– Standby (LPM3 With VLO): 6.3 μA (Typical)
– Real-Time Clock (RTC) (LPM3.5 With Crystal):
1.5 μA (Typical)
– Shutdown (LPM4.5): 0.32 μA (Typical)
• Ultra-Low-Power Ferroelectric RAM (FRAM)
– Up to 16KB of Nonvolatile Memory
– Ultra-Low-Power Writes
– Fast Write at 125 ns per Word (16KB in 1 ms)
– Built-In Error Correction Coding (ECC) and
Memory Protection Unit (MPU)
– Universal Memory = Program + Data + Storage
– 1015 Write Cycle Endurance
– Radiation Resistant and Nonmagnetic
• Intelligent Digital Peripherals
– 32-Bit Hardware Multiplier (MPY)
– Three-Channel Internal DMA
– Real-Time Clock (RTC) With Calendar and
Alarm Functions
– Five 16-Bit Timers With up to Three
Capture/Compare Registers
– 16-Bit Cyclic Redundancy Checker (CRC)
• High-Performance Analog
– 16-Channel Analog Comparator With Voltage
Reference and Programmable Hysteresis
– 12-Channel 10-Bit Analog-to-Digital Converter
(ADC) With Internal Reference and Sample-and-
Hold
– 200 ksps at 100-μA Consumption
• Enhanced Serial Communication
– eUSCI_A0 and eUSCI_A1 Support:
– UART With Automatic Baud-Rate Detection
– IrDA Encode and Decode
– SPI
– eUSCI_B0 Supports:
– I2C With Multiple-Slave Addressing
– SPI
– Hardware UART Bootloader (BSL)
• Power Management System
– Fully Integrated LDO
– Supply Voltage Supervisor for Core and Supply
Voltages With Reset Capability
– Always-On Zero-Power Brownout Detection
– Serial Onboard Programming With No External
Voltage Needed
• Flexible Clock System
– Fixed-Frequency DCO With Six Selectable
Factory-Trimmed Frequencies (Device
Dependent)
– Low-Power Low-Frequency Internal Clock
Source (VLO)
– 32-kHz Crystals (LFXT)
– High-Frequency Crystals (HFXT)
• Development Tools and Software
– Free Professional Development Environment
(Code Composer Studio™ IDE)
– Low-Cost Full-Featured Kit
(MSP-EXP430FR5739)
– Full Development Kit (MSP-FET430U40A)
– Target Board (MSP-TS430RHA40A)
• Family Members
– See Family Members for Available Device
Variants and Packages
– For Complete Module Descriptions, See the
MSP430FR57xx Family User's Guide

1.2 Applications
• Home Automation
• Security
• Sensor Management
• Data Acquisition

1.3 Description
The TI MSP430FR572x family of ultra-low-power microcontrollers consists of multiple devices that feature
embedded FRAM nonvolatile memory, ultra-low-power 16-bit MSP430™ CPU, and different peripherals
targeted for various applications. The architecture, FRAM, and peripherals, combined with seven lowpower
modes, are optimized to achieve extended battery life in portable and wireless sensing applications.
FRAM is a new nonvolatile memory that combines the speed, flexibility, and endurance of SRAM with the
stability and reliability of flash, all at lower total power consumption. Peripherals include a 10-bit ADC, a
16-channel comparator with voltage reference generation and hysteresis capabilities, three enhanced
serial channels capable of I2C, SPI, or UART protocols, an internal DMA, a hardware multiplier, an RTC,
five 16-bit timers, and digital I/Os.




Similar Part No. - MSP430FR5722IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR5722IPW TI-MSP430FR5722IPW Datasheet
587Kb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430FR5722IPW TI1-MSP430FR5722IPW Datasheet
1Mb / 109P
MIXED SIGNAL MICROCONTROLLER
MSP430FR5722IPW TI1-MSP430FR5722IPW Datasheet
2Mb / 116P
Mixed-Signal Microcontrollers
MSP430FR5722IPWR TI1-MSP430FR5722IPWR Datasheet
1Mb / 109P
MIXED SIGNAL MICROCONTROLLER
MSP430FR5722IPWR TI1-MSP430FR5722IPWR Datasheet
2Mb / 116P
Mixed-Signal Microcontrollers
More results


Similar Description - MSP430FR5722IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430FR5729 TI1-MSP430FR5729 Datasheet
1Mb / 115P
MSP430FR572x Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com