Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SIP-SFEU Datasheet (PDF) - ON Semiconductor

AX-SIP-SFEU Datasheet PDF - ON Semiconductor
Part # AX-SIP-SFEU
Download  AX-SIP-SFEU Download
File Size   526.73 Kbytes
Page   20 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox® Verified Transceiver SiP for Up-Link and Down-Link

AX-SIP-SFEU Datasheet (PDF)

Go To PDF Page Download Datasheet
AX-SIP-SFEU Datasheet PDF - ON Semiconductor

Part # AX-SIP-SFEU
Download  AX-SIP-SFEU Click to download

File Size   526.73 Kbytes
Page   20 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox® Verified Transceiver SiP for Up-Link and Down-Link

AX-SIP-SFEU Datasheet (HTML) - ON Semiconductor


AX-SIP-SFEU Product details

Features
Functionality and Ecosystem
• Single package, zero external components, full Sigfox up−link and down−link functionality controlled by AT commands or API
• The AX−SIP−SFEU and AX−SIP−SFEU−API SiPs are part of a whole development and product ecosystem available from ON Semiconductor for any Sigfox requirement. Other parts of the ecosystem include
♦ Ready to go development kit DVK−SIP−SFEU−[API]−1−GEVK including a 2 year Sigfox subscription
• Sigfox® Verified

General Features
• SIP38 9 mm × 7 mm package
• Conformal shielding
• Supply range 2.1 V − 3.6 V
• −30°C to 85°C
• Temperature sensor
• Supply voltage measurements
• 15 GPIO pins
♦ 6 GPIO pins with selectable voltage measure functionality, differential (1 V or 10 V range) or single ended (1 V range) with 10 bit resolution
♦ 2 GPIO pins with selectable sigma delta DAC output functionality
♦ 2 GPIO pins with selectable output clock
♦ 3 GPIO pins selectable as SPI master interface
♦ Integrated RX/TX switching with single−ended 50Ω antenna pin Power Consumption
• Ultra−low Power Consumption:
♦ Charge required to send a Sigfox OOB packet at nominal transmitter power (13 dBm typical at nominal temperature): 0.24 C
♦ Deep Sleep mode current: 180 nA
♦ Sleep mode current: 1.2 ㎂
♦ Standby mode current: 0.55 mA

Features (Continued)
♦ Continuous radio RX−mode at 869.525 MHz: 14 mA
♦ Continuous radio TX−mode at 868.130 MHz: 45 mA @ nominal transmitter power (13 dBm) High Performance Narrow−band Sigfox RF Transceiver
• Receiver
♦ Carrier frequency 869.525 MHz
♦ Data−rate 600 bps FSK
♦ Sensitivity
−125 dBm @ 600 bps, 869.525 MHz, GFSK
♦ 0 dBm maximum input power
• Transmitter
♦ Carrier frequency 868.13 MHz
♦ Data−rate 100 bps PSK
♦ High efficiency, high linearity integrated power amplifier
♦ Maximum output power 13 dBm
♦ Power level programmable in 1 dBm steps

Applications
• Sigfox networks up−link and down−link




Similar Part No. - AX-SIP-SFEU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SIP-SFEU ONSEMI-AX-SIP-SFEU Datasheet
391Kb / 19P
Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox Verified Transceiver SiP
September, 2017 ??Rev. 0
More results


Similar Description - AX-SIP-SFEU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM66W ETC2-RFM66W Datasheet
2Mb / 87P
868 & 915MHz Ultra Low Power High Link Budget Integrated UHF Transceiver
logo
ON Semiconductor
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SIGFOX-API ONSEMI-AX-SIGFOX-API Datasheet
264Kb / 19P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
March, 2016 ??Rev. 3
logo
MORNSUN Science& Techno...
QA121 MORNSUN-QA121 Datasheet
1Mb / 4P
Ultra Compact SIP package
logo
ON Semiconductor
AX-SFAZ ONSEMI-AX-SFAZ Datasheet
293Kb / 20P
Ultra-Low Power AT Command / API Controlled Sigfox Compliant Transceiver IC
April, 2017 ??Rev. 1
AX-SFEU ONSEMI-AX-SFEU_17 Datasheet
205Kb / 20P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC
September, 2017 ??Rev. 6
AX-SIP-SFEU ONSEMI-AX-SIP-SFEU Datasheet
391Kb / 19P
Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox Verified Transceiver SiP
September, 2017 ??Rev. 0
logo
Maxim Integrated Produc...
MAX14828 MAXIM-MAX14828 Datasheet
1Mb / 39P
Low-Power, Ultra-Small IO-Link Device Transceiver
Rev 0; 6/17
logo
ON Semiconductor
AX-SFJK ONSEMI-AX-SFJK Datasheet
307Kb / 19P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2019 ??Rev. 4
AX-SFEU ONSEMI-AX-SFEU_V01 Datasheet
366Kb / 22P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2018 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com