Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3044408 Datasheet (PDF) - PHOENIX CONTACT

3044408 Datasheet PDF - PHOENIX CONTACT
Part # 3044408
Download  3044408 Download
File Size   218.05 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PPC 4/8 - COMBI coupling

3044408 Datasheet (PDF)

Go To PDF Page Download Datasheet
3044408 Datasheet PDF - PHOENIX CONTACT

Part # 3044408
Download  3044408 Click to download

File Size   218.05 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PPC 4/8 - COMBI coupling

3044408 Datasheet (HTML) - PHOENIX CONTACT


3044408 Product details

COMBI coupling, nom. voltage: 800 V, nominal current: 32 A, number of connections: 1, number
of positions: 8, connection method: Push-in connection, Rated cross section: 4 mm2, 1 level,
cross section: 0.2 mm2 - 6 mm2, color: gray




Similar Part No. - 3044408

ManufacturerPart #DatasheetDescription
logo
Heyco.
3044 HEYCO-3044 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Keystone Electronics Co...
3044 KEYSTONE-3044 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
PHOENIX CONTACT
3044076 PHOENIX-3044076 Datasheet
167Kb / 7P
UT 2,5
3044077 PHOENIX-3044077 Datasheet
477Kb / 24P
Feed-through terminal block - UT 2,5 BN
3044078 PHOENIX-3044078 Datasheet
89Kb / 6P
Feed-through terminal block - UT 2,5 VT
More results


Similar Description - 3044408

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3000653 PHOENIX-3000653 Datasheet
200Kb / 17P
COMBI receptacle - PPC 2,5/1-L
3000702 PHOENIX-3000702 Datasheet
185Kb / 14P
COMBI receptacle - PPC 6/10
3000699 PHOENIX-3000699 Datasheet
185Kb / 14P
COMBI receptacle - PPC 6/7
3000700 PHOENIX-3000700 Datasheet
184Kb / 14P
COMBI receptacle - PPC 6/8
3000698 PHOENIX-3000698 Datasheet
185Kb / 14P
COMBI receptacle - PPC 6/6
3000694 PHOENIX-3000694 Datasheet
184Kb / 14P
COMBI receptacle - PPC 6/3
3000695 PHOENIX-3000695 Datasheet
185Kb / 14P
COMBI receptacle - PPC 6/4
3213410 PHOENIX-3213410 Datasheet
117Kb / 16P
COMBI receptacle - PPC 1,5/S-NS/4
3213442 PHOENIX-3213442 Datasheet
117Kb / 16P
COMBI receptacle - PPC 1,5/S-NS/8
1403684 PHOENIX-1403684 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/PPC-PO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com