Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T81SM6F Datasheet (PDF) - STMicroelectronics

M41T81SM6F Datasheet PDF - STMicroelectronics
Part # M41T81SM6F
Download  M41T81SM6F Download
File Size   506.38 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Serial access real-time clock (RTC) with alarms

M41T81SM6F Datasheet (PDF)

Go To PDF Page Download Datasheet
M41T81SM6F Datasheet PDF - STMicroelectronics

Part # M41T81SM6F
Download  M41T81SM6F Click to download

File Size   506.38 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Serial access real-time clock (RTC) with alarms

M41T81SM6F Datasheet (HTML) - STMicroelectronics


M41T81SM6F Product details

Features
■ Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
year, and century
■ 32 KHz crystal oscillator with integrated load
capacitance (12.5 pf) which provides
exceptional oscillator stability and high crystal
series resistance operation)
■ Oscillator stop detection (monitors clock
operation)
■ Serial interface supports I2C bus (400 kHz
protocol)
■ Ultra-low battery supply current of 0.6 μA (typ)
■ 2.0 to 5.5 V clock operating voltage
■ Automatic switchover and deselect circuitry
(fixed reference) which provides full operation
in 3.0 V applications)
■ VCC = 2.7 to 5.5 V
■ 2.5 V ≤ VPFD ≤ 2.7 V
■ Power-down time-stamp (HT bit) which allows
determination of time elapsed in battery
backup
■ Battery low flag
■ Programmable alarm and interrupt function
(valid even during battery backup mode)
■ Accurate programmable watchdog timer (from
62.5 ms to 128 s)
■ Software clock calibration (to compensate for
crystal deviation due to temperature)
■ Operating temperature of –40 to 85 °C
■ Package options include an 8-lead SOIC or
18-lead embedded crystal SOIC




Similar Part No. - M41T81SM6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T81SM6F STMICROELECTRONICS-M41T81SM6F Datasheet
438Kb / 29P
Serial Access Real-Time Clock with Alarms
22-Jan-2004
M41T81SM6F STMICROELECTRONICS-M41T81SM6F Datasheet
282Kb / 31P
Serial access real-time clock with alarms
22-Jan-2007
M41T81SM6FT STMICROELECTRONICS-M41T81SM6FT Datasheet
438Kb / 29P
Serial Access Real-Time Clock with Alarms
22-Jan-2004
More results


Similar Description - M41T81SM6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80 Datasheet
122Kb / 20P
SERIAL ACCESS RTC WITH ALARMS
Oct-2002
M41T81 STMICROELECTRONICS-M41T81 Datasheet
389Kb / 27P
Serial Access Real-Time Clock with Alarms
Rev. 2.0
M41T62 STMICROELECTRONICS-M41T62 Datasheet
670Kb / 33P
Serial Access Real-Time Clock with Alarms
13-Nov-2003
M41T81S STMICROELECTRONICS-M41T81S Datasheet
438Kb / 29P
Serial Access Real-Time Clock with Alarms
22-Jan-2004
M41T50 STMICROELECTRONICS-M41T50 Datasheet
288Kb / 23P
Serial Access Digital Input Real-Time Clock with Alarms
12-Dec-2003
M41T62 STMICROELECTRONICS-M41T62_06 Datasheet
314Kb / 40P
Serial Access Real-Time Clock with Alarms
22-Aug-2006
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
Serial access real-time clock with alarms
22-Jan-2007
M41T66 STMICROELECTRONICS-M41T66 Datasheet
342Kb / 33P
Serial access real-time clock with alarms
22-Oct-2008
M41T66 STMICROELECTRONICS-M41T66_11 Datasheet
417Kb / 34P
Serial real-time clock with alarms
25-Oct-2011
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
Serial access real-time clock (RTC) with alarms
16-May-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com