Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1448 Datasheet (PDF) - 3M Electronics

1448 Datasheet PDF - 3M Electronics
Part # 1448
Download  1448 Download
File Size   587.5 Kbytes
Page   1 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Stay sharp with Scotch™ Scissors

1448 Datasheet (PDF)

Go To PDF Page Download Datasheet
1448 Datasheet PDF - 3M Electronics

Part # 1448
Download  1448 Click to download

File Size   587.5 Kbytes
Page   1 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Stay sharp with Scotch™ Scissors

1448 Datasheet (HTML) - 3M Electronics


1448 Product details

Description
Qty. List Price 000-000 20cm Black / White, non-stick EA £00.00 PK 000-000 20cm White / Green EA £00.00 PK Precision Scissors • Precision sharpened blades for materials that require precise cutting • Finest quality stainless steel blades for a sharp edge and long cutting life • Smooth cutting action • Tension adjustable screw for optimised usage • Soft comfort grip handle for ease of use • For right or left handed use Cat# Size Color Qty. List Price 000-000 18cm Red / Gray EA £00.00 PK 000-000 20cm Red / Gray EA £00.00 PK Designer Scissors • Unique open handle with a soft touch material for additional comfort • Easy-clean stainless steel blades that resist adhesive build-up • Smaller blades for precise cutting • Available in Pink, Green or Blue. Colour cannot be specified • For right or left handed use Cat# Size Color Qty. List Price 000-000 6,5cm Pink, Green, Blue 3/PK £00.00 PK Comfort Scissors • Smooth Cutting Action • Sharp, hardened stainless steel blades for cutting performance • Soft comfort grip handle for ease of use • For right or left handed use Cat# Size Color Qty. List Price 000-000 18cm Red EA £00.00 PK 000-000 20cm Red EA £00.00 PK Universal Scissors • Ideal for the value conscious consumer • Stainless steel blades resist corrosion • Great for everyday, light duty cutting needs around the home and office • For right or left handed use Cat# Size Color Qty. List Price 000-000 18cm Red EA £00.00 PK 000-000 20cm Red EA £00.00 PK 2 2011_EU_Scissors_temp_v04 TM TM TM TM TM Stay sharp with Scotch™ Scissors non-stick that stay sharp beyond 100,000 cuts Titanium-fused Blades Every pair of Scotch™ scissors is individually hand tested to ensure that they are of the finest quality and deliver maximum performance.

Features
■ Titanium-fused blades are 5x harder than quality stainless steel – sharp beyond 100,000 cuts
■ Non-stick blades – no more sticky build-up on blades
■ Lifetime smooth cutting action
■ Soft comfort grip handle for ease of use
■ Ideal for most uses such as card, paper, photos, fabric etc.
■ For right or left handed use
■ Tension adjustable screw for optimised usage Cat# Size




Similar Part No. - 1448

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1448 APITECH-1448 Datasheet
429Kb / 1P
Convection Cooled, Low IMD Design
logo
Switchcraft, Inc.
14482 SWITCH-14482 Datasheet
64Kb / 1P
Con-X Series Accessories
2/8/2011
logo
ERNI Electronics
144839 ERNI-144839 Datasheet
138Kb / 1P
TMC-S-09-SMD-Standard-BA8
144840 ERNI-144840 Datasheet
139Kb / 1P
TMC-S-15-SMD-Standard-BA8
144842 ERNI-144842 Datasheet
141Kb / 1P
TMC-S-37-SMD-Standard-BA8
More results


Similar Description - 1448

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1447 3M-1447 Datasheet
601Kb / 1P
Stay sharp with Scotch Scissors
logo
List of Unclassifed Man...
PC4D100NIP ETC2-PC4D100NIP Datasheet
34Kb / 1P
Sharp Microelectronics of the Americas
logo
KR Electronics, Inc.
2884 KR-2884 Datasheet
36Kb / 2P
Sharp Transition to Stopband
2810-S KR-2810-S Datasheet
49Kb / 2P
Sharp Transition to Stopband
2778 KR-2778 Datasheet
50Kb / 2P
Sharp Transition to Stopband
2776 KR-2776 Datasheet
50Kb / 2P
Sharp Transition to Stopband
2757-1 KR-2757-1 Datasheet
36Kb / 2P
Sharp Transition to Stopband
2722-1 KR-2722-1 Datasheet
49Kb / 2P
Sharp Transition to Stopband
logo
List of Unclassifed Man...
6AU6 ETC1-6AU6 Datasheet
467Kb / 7P
Sharp-Cutoff Pentode
logo
NXP Semiconductors
EF184 PHILIPS-EF184 Datasheet
582Kb / 15P
SHARP CUT-OFF PENTODE
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com