Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX36S08 Datasheet (PDF) - Texas Instruments

MUX36S08 Datasheet PDF - Texas Instruments
Part # MUX36S08
Download  MUX36S08 Download
File Size   2145.52 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MUX36xxx 36-V, low-capacitance, low-leakage-current, precision, analog multiplexers

MUX36S08 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUX36S08 Datasheet PDF - Texas Instruments

Part # MUX36S08
Download  MUX36S08 Click to download

File Size   2145.52 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MUX36xxx 36-V, low-capacitance, low-leakage-current, precision, analog multiplexers

MUX36S08 Datasheet (HTML) - Texas Instruments


MUX36S08 Product details

1 Features
1• Low On-Capacitance
– MUX36S08: 9.4 pF
– MUX36D04: 6.7 pF
• Low Input Leakage: 1 pA
• Low Charge Injection: 0.3 pC
• Rail-to-Rail Operation
• Wide Supply Range: ±5 V to ±18 V, 10 V to 36 V
• Low On-Resistance: 125 Ω
• Transition Time: 92 ns
• Break-Before-Make Switching Action
• EN Pin Connectable to VDD
• Logic Levels: 2 V to VDD
• Low Supply Current: 45 μA
• ESD Protection HBM: 2000 V
• Industry-Standard TSSOP and smaller WQFN
Package
• For Other Configurations, Refer to:
– TMUX6111/ 12/ 13 (4 ch. SPST)
– TMUX6121/ 22/ 23 (2 ch. SPST)
– TMUX6119 (1 ch. SPDT)
– TMUX6136 (2 ch. SPDT)
– TMUX6104 (1 ch. 4:1)

2 Applications
• Factory Automation and Industrial Process
Controls
• Programmable Logic Controllers (PLC)
• Analog Input Modules
• ATE Test Equipment
• Battery Monitoring Systems

3 Description
The MUX36S08 and MUX36D04 (MUX36xxx) are
modern complementary metal-oxide semiconductor
(CMOS) analog multiplexers (muxes). The
MUX36S08 offers 8:1 single-ended channels,
whereas the MUX36D04 offers differential 4:1 or dual
4:1 single-ended channels. The MUX36S08 and
MUX36D04 work equally well with either dual
supplies (±5 V to ±18 V) or a single supply (10 V to
36 V). They also perform well with symmetric
supplies (such as VDD = 12 V, VSS = –12 V), and
unsymmetric supplies (such as VDD = 12 V,
VSS = –5 V). All digital inputs have TTL-logic
compatible thresholds, ensuring both TTL and CMOS
logic compatibility when operating in the valid supply
voltage range.
The MUX36S08 and MUX36D04 have very low on
and off leakage currents, allowing these multiplexers
to switch signals from high input impedance sources
with minimal error. A low supply current of 45 μA
enables use in portable applications.




Similar Part No. - MUX36S08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S08 TI1-MUX36S08 Datasheet
1Mb / 37P
Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S08 TI1-MUX36S08 Datasheet
1Mb / 41P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S08 TI1-MUX36S08 Datasheet
2Mb / 46P
36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
MUX36S08IPW TI1-MUX36S08IPW Datasheet
1Mb / 37P
Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S08IPW TI1-MUX36S08IPW Datasheet
1Mb / 41P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
More results


Similar Description - MUX36S08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S08 TI1-MUX36S08 Datasheet
1Mb / 37P
Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506 Datasheet
637Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16 TI1-MUX36S16_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
TMUX6104 TI1-TMUX6104 Datasheet
435Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, 4:1 Precision Analog Multiplexer
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16_18 Datasheet
1Mb / 47P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
TMUX6119 TI1-TMUX6119 Datasheet
362Kb / 23P
36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
MUX36S08 TI1-MUX36S08_19 Datasheet
2Mb / 46P
36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com