Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX36S16 Datasheet (PDF) - Texas Instruments

MUX36S16 Datasheet PDF - Texas Instruments
Part # MUX36S16
Download  MUX36S16 Download
File Size   1973.2 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MUX36xxx 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers

MUX36S16 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUX36S16 Datasheet PDF - Texas Instruments

Part # MUX36S16
Download  MUX36S16 Click to download

File Size   1973.2 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MUX36xxx 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers

MUX36S16 Datasheet (HTML) - Texas Instruments


MUX36S16 Product details

1 Features
1• Low on-capacitance
– MUX36S16: 13.5 pF
– MUX36D08: 8.7 pF
• Low input leakage: 1 pA
• Low charge injection: 0.31 pC
• Rail-to-rail operation
• Wide supply range: ±5 V to ±18 V, 10 V to 36 V
• Low on-resistance: 125 Ω
• Transition time: 97 ns
• Break-before-make switching action
• EN Pin connectable to VDD
• Logic levels: 2 V to VDD
• Low supply current: 45 μA
• ESD protection HBM: 2000 V
• Industry-standard TSSOP/ SOIC package and
smaller WQFN package options

2 Applications
• Factory automation and industrial process control
• Programmable logic controllers (PLC)
• Analog input modules
• ATE Test equipment
• Digital multimeters
• Battery monitoring systems

3 Description
The MUX36S16 and MUX36D08 (MUX36xxx) are
modern complementary metal-oxide semiconductor
(CMOS) precision analog multiplexers (muxes). The
MUX36S16 offers 16:1 single-ended channels,
whereas the MUX36D08 offers differential 8:1 or dual
8:1 single-ended channels. The MUX36S16 and
MUX36D08 work equally well with either dual
supplies (±5 V to ±18 V) or a single supply (10 V to
36 V). These devices also perform well with
symmetric supplies (such as VDD = 12 V, VSS = –12
V), and unsymmetric supplies (such as VDD = 12 V,
VSS = –5 V). All digital inputs have transistortransistor
logic (TTL) compatible thresholds, providing
both TTL and CMOS logic compatibility when
operating in the valid supply voltage range.
The MUX36S16 and MUX36D08 have very low onand
off-leakage currents, allowing these multiplexers
to switch signals from high input impedance sources
with minimal error. A low supply current of 45 μA
enables use in power-sensitive applications.




Similar Part No. - MUX36S16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16 TI1-MUX36S16 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16 TI1-MUX36S16 Datasheet
1Mb / 47P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16IDWR TI1-MUX36S16IDWR Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16IDWR TI1-MUX36S16IDWR Datasheet
1Mb / 47P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
More results


Similar Description - MUX36S16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S08 TI1-MUX36S08 Datasheet
1Mb / 37P
Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506 Datasheet
637Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16 TI1-MUX36S16_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
TMUX6104 TI1-TMUX6104 Datasheet
435Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, 4:1 Precision Analog Multiplexer
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16_18 Datasheet
1Mb / 47P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
TMUX6119 TI1-TMUX6119 Datasheet
362Kb / 23P
36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
MUX36S08 TI1-MUX36S08_19 Datasheet
2Mb / 46P
36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com