Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX508 Datasheet (PDF) - Texas Instruments

MUX508 Datasheet PDF - Texas Instruments
Part # MUX508
Download  MUX508 Download
File Size   951.51 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers

MUX508 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUX508 Datasheet PDF - Texas Instruments

Part # MUX508
Download  MUX508 Click to download

File Size   951.51 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers

MUX508 Datasheet (HTML) - Texas Instruments


MUX508 Product details

1 Features
1• Low On-Capacitance
– MUX508: 9.4 pF
– MUX509: 6.7 pF
• Low Input Leakage: 10 pA
• Low Charge Injection: 0.3 pC
• Rail-to-Rail Operation
• Wide Supply Range: ±5 V to ±18 V, 10 V to 36 V
• Low On-Resistance: 125 Ω
• Transition Time: 92 ns
• Break-Before-Make Switching Action
• EN Pin Connectable to VDD
• Logic Levels: 2 V to VDD
• Low Supply Current: 45 μA
• ESD Protection HBM: 2000 V
• Industry-Standard TSSOP and SOIC Packages

2 Applications
• Factory Automation and Industrial Process
Controls
• Programmable Logic Controllers (PLC)
• Analog Input Modules
• ATE Test Equipment
• Digital Multimeters
• Battery Monitoring Systems

3 Description
The MUX508 and MUX509 (MUX50x) are modern,
complementary metal-oxide semiconductor (CMOS),
analog multiplexers (muxes). The MUX508 offers 8:1
single-ended channels, whereas the MUX509 offers
differential 4:1 or dual 4:1 single-ended channels. The
MUX508 and MUX509 work equally well with either
dual supplies (±5 V to ±18 V) or a single supply (10 V
to 36 V). They also perform well with symmetric
supplies (such as VDD = 12 V, VSS = –12 V), and
unsymmetric supplies (such as VDD = 12 V, VSS =
–5 V). All digital inputs have TTL-logic compatible
thresholds, ensuring both TTL and CMOS logic
compatibility when operating in the valid supply
voltage range.
The MUX508 and MUX509 have very low on and off
leakage currents, allowing these multiplexers to
switch signals from high input impedance sources
with minimal error. A low supply current of 45 μA
allows for use in portable applications.




Similar Part No. - MUX508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI1-MUX508 Datasheet
1Mb / 41P
Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI2-MUX508 Datasheet
953Kb / 42P
MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
REVISED SEPTEMBER 2016
MUX508ID TI1-MUX508ID Datasheet
1Mb / 41P
Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508ID TI2-MUX508ID Datasheet
953Kb / 42P
MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
REVISED SEPTEMBER 2016
More results


Similar Description - MUX508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI1-MUX508_16 Datasheet
1Mb / 41P
Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506 Datasheet
637Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E Datasheet
399Kb / 20P
Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
11-Apr-16
logo
Texas Instruments
MUX36S16 TI1-MUX36S16_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16_18 Datasheet
1Mb / 47P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S08 TI1-MUX36S08_19 Datasheet
2Mb / 46P
36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com