Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX506IDWR Datasheet (PDF) - Texas Instruments

MUX506IDWR Datasheet PDF - Texas Instruments
Part # MUX506IDWR
Download  MUX506IDWR Download
File Size   949.84 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers

MUX506IDWR Datasheet (PDF)

Go To PDF Page Download Datasheet
MUX506IDWR Datasheet PDF - Texas Instruments

Part # MUX506IDWR
Download  MUX506IDWR Click to download

File Size   949.84 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers

MUX506IDWR Datasheet (HTML) - Texas Instruments


MUX506IDWR Product details

1 Features
1• Low On-Capacitance
– MUX506: 13.5 pF
– MUX507: 8.7 pF
• Low Input Leakage: 1 pA
• Low Charge Injection: 0.31 pC
• Rail-to-Rail Operation
• Wide Supply Range: ±5 V to ±18 V, 10 V to 36 V
• Low On-Resistance: 125 Ω
• Transition Time: 97 ns
• Break-Before-Make Switching Action
• EN Pin Connectable to VDD
• Logic Levels: 2 V to VDD
• Low Supply Current: 45 μA
• ESD Protection HBM: 2000 V
• Industry-Standard TSSOP/ SOIC Package

2 Applications
• Factory Automation and Industrial Process Control
• Programmable Logic Controllers (PLC)
• Analog Input Modules
• ATE Test Equipment
• Digital Multimeters
• Battery Monitoring Systems

3 Description
The MUX506 and MUX507 (MUX50x) are modern
complementary metal-oxide semiconductor (CMOS)
precision analog multiplexers (muxes). The MUX506
offers 16:1 single-ended channels, whereas the
MUX507 offers differential 8:1 or dual 8:1 singleended
channels. The MUX506 and MUX507 work
equally well with either dual supplies (±5 V to ±18 V)
or a single supply (10 V to 36 V). These devices also
perform well with symmetric supplies (such as VDD =
12 V, VSS = –12 V), and unsymmetric supplies (such
as VDD = 12 V, VSS = –5 V). All digital inputs have
transistor-transistor logic (TTL) compatible thresholds,
providing both TTL and CMOS logic compatibility
when operating in the valid supply voltage range.
The MUX507 and MUX507 have very low on- and offleakage
currents, allowing these multiplexers to
switch signals from high input impedance sources
with minimal error. A low supply current of 45 μA
enables use in power-sensitive applications.




Similar Part No. - MUX506IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX506IDWR TI1-MUX506IDWR Datasheet
637Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506IDWR TI1-MUX506IDWR Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506IDWR TI2-MUX506IDWR Datasheet
949Kb / 43P
MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
REVISED NOVEMBER 2017
MUX506IDWR.B TI2-MUX506IDWR.B Datasheet
949Kb / 43P
MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
REVISED NOVEMBER 2017
More results


Similar Description - MUX506IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S08 TI1-MUX36S08 Datasheet
1Mb / 37P
Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506 Datasheet
637Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16 TI1-MUX36S16_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
TMUX6104 TI1-TMUX6104 Datasheet
435Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, 4:1 Precision Analog Multiplexer
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16_18 Datasheet
1Mb / 47P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
TMUX6119 TI1-TMUX6119 Datasheet
362Kb / 23P
36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
MUX36S08 TI1-MUX36S08_19 Datasheet
2Mb / 46P
36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com