Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA140 Datasheet (PDF) - Texas Instruments

OPA140 Datasheet PDF - Texas Instruments
Part # OPA140
Download  OPA140 Download
File Size   3025.23 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps

OPA140 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA140 Datasheet PDF - Texas Instruments

Part # OPA140
Download  OPA140 Click to download

File Size   3025.23 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps

OPA140 Datasheet (HTML) - Texas Instruments


OPA140 Product details

1 Features
• Very-low offset drift: 1 μV/°C maximum
• Very-low offset: 120 μV
• Low input bias current: 10 pA maximum
• Very-low 1/f noise: 250 nVPP, 0.1 Hz to 10 Hz
• Low noise: 5.1 nV/√Hz
• Slew rate: 20 V/μs
• Low supply current: 2 mA maximum
• Input voltage range includes V– supply
• Single-supply operation: 4.5 V to 36 V
• Dual-supply operation: ±2.25 V to ±18 V
• No phase reversal
• Packages:
– Industry-standard SOIC, SON, SOT-23,
TSSOP, and VSSOP

2 Applications
• Intra-dc interconnect (metro)
• Semiconductor test
• Chemistry and gas analyzer
• DC power supply, ac source, electronic load
• Data acquisition (DAQ)
• Lab and field instrumentation

3 Description
The OPA140, OPA2140, and OPA4140 (OPAx140)
operational amplifier (op amp) family is a series
of low-power JFET input amplifiers that features
good drift and low input bias current. The rail-torail
output swing and input range that includes
V– allow designers to take advantage of the lownoise
characteristics of JFET amplifiers while also
interfacing to modern, single-supply, precision analogto-
digital converters (ADCs) and digital-to-analog
converters (DACs).
The OPA140 achieves 11-MHz unity-gain bandwidth
and 20-V/μs slew rate while consuming only 1.8 mA
(typical) of quiescent current. This device runs on a
single 4.5-V to 36-V supply or dual ±2.25-V to ±18-V
supplies.
All versions are fully specified from –40°C to +125°C
for use in the most challenging environments. The
OPA140 (single) is available in the 5‑pin SOT-23 8‑pin
VSSOP and 8‑pin SOIC packages. The OPA2140
(dual) is available in 8‑pin SON, 8‑pin VSSOP,
and 8‑pin SOIC packages. The OPA4140 (quad) is
available in the 14‑pin SOIC and 14‑pin TSSOP
packages.




Similar Part No. - OPA140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA140 TI-OPA140 Datasheet
807Kb / 25P
High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
OPA140 TI1-OPA140 Datasheet
1Mb / 44P
11-MHz JFET Op Amp
OPA140 TI-OPA140 Datasheet
3Mb / 51P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA140 TI-OPA140 Datasheet
2Mb / 48P
OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA140 TI2-OPA140 Datasheet
1Mb / 36P
Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
REVISED MAY 2010
More results


Similar Description - OPA140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2140 TI-OPA2140 Datasheet
807Kb / 25P
High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
logo
Linear Technology
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Texas Instruments
OPA140 TI-OPA140_15 Datasheet
1Mb / 44P
High-Precision, Low-Noise, Rail-to-Rail Output,11-MHz JFET Op Amp
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. G
logo
Texas Instruments
OPA140 TI-OPA140_V01 Datasheet
2Mb / 48P
OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com