Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA141 Datasheet (PDF) - Texas Instruments

OPA141 Datasheet PDF - Texas Instruments
Part # OPA141
Download  OPA141 Download
File Size   1315.94 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier

OPA141 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA141 Datasheet PDF - Texas Instruments

Part # OPA141
Download  OPA141 Click to download

File Size   1315.94 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier

OPA141 Datasheet (HTML) - Texas Instruments


OPA141 Product details

1FEATURES
2• Low Supply Current: 2.3mA max
• Low Offset Drift: 10mV/°C max
• Low Input Bias Current: 20pA max
• Very Low 1/f Noise: 250nVPP
• Low Noise: 6.5nV/√Hz
• Wide Bandwidth: 10MHz
• Slew Rate: 20V/ms
• Input Voltage Range Includes V–
• Rail-to-Rail Output
• Single-Supply Operation: 4.5V to 36V
• Dual-Supply Operation: ±2.25V to ±18V
• No Phase Reversal
• MSOP-8, TSSOP Packages

APPLICATIONS
• Battery-Powered Instruments
• Industrial Controls
• Medical Instrumentation
• Photodiode Amplifiers
• Active Filters
• Data Acquisition Systems
• Portable Audio
• Automatic Test Systems

DESCRIPTION
The OPA141, OPA2141, and OPA4141 amplifier
family is a series of low-power JFET input amplifiers
that feature good drift and low input bias current. The
rail-to-rail output swing and input range that includes
V– allow designers to take advantage of the
low-noise characteristics of JFET amplifiers while
also interfacing to modern, single-supply, precision
analog-to-digital converters (ADCs) and
digital-to-analog converters (DACs).
The OPA141 achieves 10MHz unity-gain bandwidth
and 20V/ms slew rate while consuming only 1.8mA
(typ) of quiescent current. It runs on a single 4.5 to
36V supply or dual ±2.25V to ±18V supplies.
All versions are fully specified from –40°C to +125°C
for use in the most challenging environments. The
OPA141 (single) and OPA2141 (dual) versions are
available in both MSOP-8 and SO-8 packages; the OPA4141 (quad) is available in the SO-14 and
TSSOP-14 packages.




Similar Part No. - OPA141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA141 TI-OPA141 Datasheet
778Kb / 23P
Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
OPA141 TI-OPA141 Datasheet
915Kb / 25P
Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
OPA141AID TI-OPA141AID Datasheet
778Kb / 23P
Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
OPA141AID TI-OPA141AID Datasheet
915Kb / 25P
Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
OPA141AIDGKR TI-OPA141AIDGKR Datasheet
778Kb / 23P
Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
More results


Similar Description - OPA141

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8641 AD-AD8641 Datasheet
327Kb / 12P
Low Power, Rail-to-Rail Output Precision JFET Amplifier
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
Texas Instruments
OPA141 TI-OPA141 Datasheet
778Kb / 23P
Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
OPA141 TI-OPA141_1 Datasheet
915Kb / 25P
Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
logo
Analog Devices
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
logo
Texas Instruments
OPA141 TI-OPA141_15 Datasheet
1Mb / 30P
Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
logo
Analog Devices
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
REV. C
logo
Texas Instruments
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
logo
New Japan Radio
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com