Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA170 Datasheet (PDF) - Texas Instruments

OPA170 Datasheet PDF - Texas Instruments
Part # OPA170
Download  OPA170 Download
File Size   3383.47 Kbytes
Page   64 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx170 36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series

OPA170 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA170 Datasheet PDF - Texas Instruments

Part # OPA170
Download  OPA170 Click to download

File Size   3383.47 Kbytes
Page   64 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx170 36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series

OPA170 Datasheet (HTML) - Texas Instruments


OPA170 Product details

1 Features
• Supply Range: 2.7 V to 36 V, ±1.35 V to ±18 V
• Low Noise: 19 nV/√Hz
• RFI Filtered Inputs
• Input Range Includes the Negative Supply
• Input Range Operates to Positive Supply
• Rail-to-Rail Output
• Gain Bandwidth: 1.2 MHz
• Low Quiescent Current: 110 μA per Amplifier
• High Common-Mode Rejection: 120 dB
• Low Bias Current: 15 pA (Maximum)
• Industry-Standard Packages and micro Packages
Available
• Create a Custom Design Using the OPAx170 With
the WEBENCH® Power Designer

2 Applications
• Tracking Amplifier in Power Modules
• Merchant Power Supplies
• Transducer Amplifiers
• Bridge Amplifiers
• Temperature Measurements
• Strain Gauge Amplifiers
• Precision Integrators
• Battery-Powered Instruments
• Test Equipment

3 Description
The OPA170, OPA2170, and OPA4170 devices
(OPAx170) are a family of 36-V, single-supply, lownoise
operational amplifiers (op amps) that feature
micro packages with the ability to operate on supplies
ranging from 2.7 V (±1.35 V) to 36 V (±18 V). They
offer good offset, drift, and bandwidth with low
quiescent current. The single, dual, and quad
versions all have identical specifications for maximum
design flexibility.
Unlike most op amps, which are specified at only one
supply voltage, the OPAx170 family of op amps is
specified from 2.7 V to 36 V. Input signals beyond the
supply rails do not cause phase reversal. The
OPAx170 family is stable with capacitive loads up to
300 pF. The input can operate 100 mV below the
negative rail and within 2 V of the positive rail for
normal operation. Note that these devices can
operate with full rail-to-rail input 100 mV beyond the
positive rail, but with reduced performance within 2 V
of the positive rail. The OPAx170 op amps are
specified from –40°C to +125°C.




Similar Part No. - OPA170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA170 TI1-OPA170 Datasheet
1Mb / 30P
36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
3Mb / 56P
36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
OPA170-DIE TI-OPA170-DIE Datasheet
60Kb / 5P
SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER VALUE LINE SERIES Check for Samples: OPA170-DIE
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 20P
36-V, SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 35P
36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
More results


Similar Description - OPA170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com