Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA171 Datasheet (PDF) - Texas Instruments

OPA171 Datasheet PDF - Texas Instruments
Part # OPA171
Download  OPA171 Download
File Size   2313.06 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx171 36V, Single-Supply, SOT-553, General-Purpose Operational Amplifiers

OPA171 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA171 Datasheet PDF - Texas Instruments

Part # OPA171
Download  OPA171 Click to download

File Size   2313.06 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx171 36V, Single-Supply, SOT-553, General-Purpose Operational Amplifiers

OPA171 Datasheet (HTML) - Texas Instruments


OPA171 Product details

1 Features
• Supply range: 2.7V to 36V, ±1.35V to ±18V
• Low noise: 14nV/√ Hz
• Low offset drift: ±0.3μV/°C (Typical)
• RFI filtered inputs
• Input range includes the negative supply
• Input range operates to positive supply
• Rail-to-rail output
• Gain bandwidth: 3MHz
• Low quiescent current: 475μA per amplifier
• High common-mode rejection: 120dB (typical)
• Low-input bias current: 8pA
• Industry-standard packages:
– 5-pin SOT-23
– 8-pin SOIC
– 14-pin TSSOP
• microPackages:
– Single in SOT-553
– Dual in VSSOP-8

2 Applications
• Tracking amplifier in power modules
• Merchant power supplies
• Transducer amplifiers
• Bridge amplifiers
• Temperature measurements
• Strain gauge amplifiers
• Precision integrators
• Battery-powered instruments
• Test equipment

3 Description
The OPA171, OPA2171, and OPA4171 (OPAx171)
are a family of 36V, single-supply, low-noise
operational amplifiers with the ability to operate on
supplies ranging from 2.7V (±1.35V) to 36V (±18V).
These devices are available in micro-packages
and offer low offset, drift, and bandwidth with low
quiescent current. The single, dual, and quad versions
all have identical specifications for maximum design
flexibility.
Unlike most operational amplifiers, which are
specified at only one supply voltage, the OPAx171
family is specified from 2.7V to 36V. Input signals
beyond the supply rails do not cause phase reversal.
The OPAx171 family is stable with capacitive loads
up to 300pF. The input can operate 100mV below
the negative rail and within 2V of the top rail during
normal operation. These devices can operate with full
rail-to-rail input 100mV beyond the top rail, but with
reduced performance within 2V of the top rail.
The OPAx171 series of operational amplifiers are
specified from –40°C to +125°C.




Similar Part No. - OPA171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171 Datasheet
1Mb / 30P
36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
1Mb / 33P
36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
OPA171-Q1 TI-OPA171-Q1_15 Datasheet
1Mb / 36P
OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
More results


Similar Description - OPA171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA4171-Q1 TI-OPA4171-Q1 Datasheet
1Mb / 35P
OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
OPA171-Q1 TI-OPA171-Q1_15 Datasheet
1Mb / 36P
OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
Single-Supply, SOT553, General-Purpose Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com