Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX187 Datasheet (PDF) - Texas Instruments

OPAX187 Datasheet PDF - Texas Instruments
Part # OPAX187
Download  OPAX187 Download
File Size   2980.77 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx187 0.001-μV/°C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series

OPAX187 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPAX187 Datasheet PDF - Texas Instruments

Part # OPAX187
Download  OPAX187 Click to download

File Size   2980.77 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx187 0.001-μV/°C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series

OPAX187 Datasheet (HTML) - Texas Instruments


OPAX187 Product details

1 Features
1• Low offset voltage: 10 μV (maximum)
• Zero drift: 0.001 μV/°C
• Low noise: 15 nV/√Hz
• PSRR: 160 dB
• CMRR: 140 dB
• AOL: 160 dB
• Quiescent Current: 100 μA
• Wide supply voltage: ±2.25 V to ±18 V
• Rail-to-rail output operation
• Input includes negative rail
• Low bias current: 100 pA (typical)
• EMI filtered inputs
• Microsize packages

2 Applications
• Analog input module
• Mixed module (AI, AO, DI, DO)
• Flow transmitter
• Pressure transmitter
• Test and measurement
• Semiconductor test
• Semiconductor manufacturing
• Process analytics (pH, gas, concentration, force,
and humidity)

3 Description
The OPAx187 series operational amplifiers use autozeroing
techniques to simultaneously provide lowoffset
voltage (1 μV), and near zero drift over time
and temperature. These miniature, high-precision,
low-quiescent current amplifiers offer high-input
impedance and rail-to-rail output swing within 5 mV of
the rails into high-impedance loads. The input
common-mode range includes the negative rail.
Either single or dual supplies can be used in the
range of 4.5 V to 36 V (±2.25 V to ±18 V).
The single version OPAx187 device is available in
microsize 8-pin VSSOP, 5-pin SOT-23, and 8-pin
SOIC packages. The dual version is offered in 8-pin
VSSOP and 8-pin SOIC packages. The quad version
is offered in 14-pin SOIC, 14-pin TSSOP, and 16-pin
WQFN packages. All versions are specified for
operation from –40°C to +125°C.




Similar Part No. - OPAX187

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAX187 TI1-OPAX187 Datasheet
2Mb / 44P
0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPAX187 TI1-OPAX187 Datasheet
2Mb / 46P
OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPAX187 TI1-OPAX187 Datasheet
2Mb / 49P
OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results


Similar Description - OPAX187

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187_18 Datasheet
2Mb / 41P
0.005-uV/C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1810 TI1-OPA187_1810 Datasheet
2Mb / 44P
0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187_V01 Datasheet
2Mb / 46P
OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187_V02 Datasheet
2Mb / 49P
OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com