Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX189 Datasheet (PDF) - Texas Instruments

OPAX189 Datasheet PDF - Texas Instruments
Part # OPAX189
Download  OPAX189 Download
File Size   3842.38 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers

OPAX189 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPAX189 Datasheet PDF - Texas Instruments

Part # OPAX189
Download  OPAX189 Click to download

File Size   3842.38 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers

OPAX189 Datasheet (HTML) - Texas Instruments


OPAX189 Product details

1 Features
• Ultra-high precision:
– Zero-drift: 0.005 μV/°C (OPA189)
– Ultra-low offset voltage: 3 μV maximum
(OPA189)
• Excellent dc precision:
– CMRR: 168 dB
– Open-loop gain: 170 dB
• Low noise:
– en at 1 kHz: 5.2 nV/√Hz
– 0.1-Hz to 10-Hz noise: 0.1 μVPP
• Excellent dynamic performance:
– Gain bandwidth: 14 MHz
– Slew rate: 20 V/μs
– Fast settling: 10-V step, 0.01% in 1.1 μs
• Robust design:
– MUX-friendly inputs
– RFI/EMI filtered inputs
• Wide supply range: 4.5 V to 36 V
• Quiescent current: 1.7 mA (maximum)
• Rail-to-rail output
• Input includes negative rail

2 Applications
• Battery test
• Analog input module
• Weigh scale
• DC power supply, ac source, electronic load
• Multifunction relay

3 Description
The OPA189, OPA2189, and OPA4189 (OPAx189)
high-precision operational amplifiers are ultra-low
noise, fast-settling, zero-drift devices that provide railto-
rail output operation and feature a unique MUXfriendly
architecture and controlled start-up system.
These features and excellent ac performance,
combined with only 0.4 μV of offset voltage and
0.005μV/°C of drift over temperature for the singlechannel
version, make the OPAx189 a great choice
for precision instrumentation, signal measurement,
and active filtering applications. Moreover, the MUXfriendly
input architecture prevents inrush current
when applying large input differential voltages,
which improves settling performance in multichannel
systems, all while providing robust ESD protection
during shipment, handling, and assembly.
All versions are specified from –40°C to +125°C.




Similar Part No. - OPAX189

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAX189 TI1-OPAX189 Datasheet
699Kb / 34P
Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPAX189 TI1-OPAX189 Datasheet
765Kb / 36P
Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPAx189 TI1-OPAx189 Datasheet
3Mb / 48P
Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPAX189 TI1-OPAX189 Datasheet
3Mb / 48P
OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPAX189 TI-OPAX189 Datasheet
3Mb / 51P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
More results


Similar Description - OPAX189

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA189 TI1-OPA189 Datasheet
699Kb / 34P
Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPA189 TI1-OPA189_17 Datasheet
765Kb / 36P
Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPA189 TI1-OPA189_18 Datasheet
2Mb / 44P
Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI1-OPA189_19 Datasheet
3Mb / 48P
Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI1-OPA189_V01 Datasheet
3Mb / 48P
OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI-OPA189_V02 Datasheet
3Mb / 51P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA189 TI-OPA189_V03 Datasheet
3Mb / 52P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA189 TI-OPA189_V04 Datasheet
3Mb / 52P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OCTOBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com