Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA192 Datasheet (PDF) - Texas Instruments

OPA192 Datasheet PDF - Texas Instruments
Part # OPA192
Download  OPA192 Download
File Size   3227.87 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp with e-trim™

OPA192 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA192 Datasheet PDF - Texas Instruments

Part # OPA192
Download  OPA192 Click to download

File Size   3227.87 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp with e-trim™

OPA192 Datasheet (HTML) - Texas Instruments


OPA192 Product details

1 Features
1• Low Offset Voltage: ±5 μV
• Low Offset Voltage Drift: ±0.2 μV/°C
• Low Noise: 5.5 nV/√Hz at 1 kHz
• High Common-Mode Rejection: 140 dB
• Low Bias Current: ±5 pA
• Rail-to-Rail Input and Output
• Wide Bandwidth: 10 MHz GBW
• High Slew Rate: 20 V/μs
• Low Quiescent Current: 1 mA per Amplifier
• Wide Supply: ±2.25 V to ±18 V, 4.5 V to 36 V
• EMI/RFI Filtered Inputs
• Differential Input Voltage Range to Supply Rail
• High Capacitive Load Drive Capability: 1 nF
• Industry Standard Packages:
– Single in SOIC-8, SOT-23-5, and VSSOP-8
– Dual in SOIC-8 and VSSOP-8
– Quad in SOIC-14 and TSSOP-14

2 Applications
• Multiplexed Data-Acquisition Systems
• Test and Measurement Equipment
• High-Resolution ADC Driver Amplifiers
• SAR ADC Reference Buffers
• Programmable Logic Controllers
• High-Side and Low-Side Current Sensing
• High Precision Comparator

3 Description
The OPAx192 family (OPA192, OPA2192, and
OPA4192) is a new generation of 36-V, e-trim operational amplifiers.
These devices offer outstanding dc precision and ac
performance, including rail-to-rail input/output, low
offset (±5 μV, typ), low offset drift (±0.2 μV/°C, typ),
and 10-MHz bandwidth.
Unique features such as differential input-voltage
range to the supply rail, high output current (±65 mA),
high capacitive load drive of up to 1 nF, and high slew rate (20 V/μs) make the OPA192 a robust, high-
performance operational amplifier for high-voltage
industrial applications.
The OPA192 family of op amps is available in
standard packages and is specified from –40°C to
+125°C.




Similar Part No. - OPA192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA192 TI1-OPA192 Datasheet
2Mb / 35P
High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
OPA192 TI1-OPA192 Datasheet
2Mb / 42P
36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA192 TI-OPA192 Datasheet
3Mb / 51P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA192 TI2-OPA192 Datasheet
3Mb / 58P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
REVISED OCTOBER 2021
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
More results


Similar Description - OPA192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
OPA4192 TI-OPA4192_15 Datasheet
2Mb / 51P
OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp with e-trim?
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA191_017 TI1-OPA191_017 Datasheet
3Mb / 51P
36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_0017 TI1-OPA191_0017 Datasheet
3Mb / 51P
36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA191_00017 TI1-OPA191_00017 Datasheet
3Mb / 52P
36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA197-Q1 TI1-OPA197-Q1 Datasheet
2Mb / 40P
36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
OPA191 TI1-OPA191_V02 Datasheet
3Mb / 56P
OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com