Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA196ID Datasheet (PDF) - Texas Instruments

OPA196ID Datasheet PDF - Texas Instruments
Part # OPA196ID
Download  OPA196ID Download
File Size   3063.75 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx196 36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier

OPA196ID Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA196ID Datasheet PDF - Texas Instruments

Part # OPA196ID
Download  OPA196ID Click to download

File Size   3063.75 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx196 36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier

OPA196ID Datasheet (HTML) - Texas Instruments


OPA196ID Product details

1 Features
1• Low Offset Voltage: ±100 μV (maximum)
• Low Offset Voltage Drift: ±0.5 μV/°C (typical)
• Low Bias Current: ±5 pA (typical)
• High Common-Mode Rejection: 140 dB
• Low Noise: 15 nV/√Hz at 1 kHz
• Rail-to-Rail Input and Output
• Differential Input Voltage Range to Supply Rail
• Wide Bandwidth: 2.5-MHz GBW
• Low Quiescent Current: 140 μA per Amplifier
(typical)
• Wide Supply: ±2.25 V to ±18 V, 4.5 V to 36 V
• EMI/RFI Filtered Inputs
• High Capacitive Load Drive Capability: 1 nF
• Industry Standard Packages:
– Single in SOIC-8, SOT-5, and VSSOP-8
– Dual in SOIC-8 and VSSOP-8
– Quad in SOIC-14, TSSOP-14, and QFN-16

2 Applications
• Multiplexed Data-Acquisition Systems
• Test and Measurement Equipment
• High-Resolution ADC Driver Amplifiers
• SAR ADC Reference Buffers
• Analog Input and Output Modules
• High-Side and Low-Side Current Sensing
• High-Precision Comparator
• Medical Instrumentation

3 Description
The OPAx196 family (OPA196, OPA2196, and
OPA4196) is a new generation of 36-V, rail-to-rail etrim
™ operational amplifiers (op amps).
These devices offer very low offset voltage (±25 μV,
typical), drift (±0.5 μV/°C, typical), and low bias
current (±5 pA, typical) combined with very low
quiescent current (140 μA/channel, typical) across the
entire output range.
Unique features, such as differential input-voltage
range to the supply rail, high output current (±65 mA),
and high capacitive load drive of up to 1 nF make the
OPAx196 a robust, high-performance operational
amplifier for high-voltage industrial applications.
The OPAx196 family of op amps is available in
standard packages and is specified from –40°C to
+125°C.




Similar Part No. - OPA196ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA196ID TI1-OPA196ID Datasheet
3Mb / 47P
36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
OPA196IDBVR TI1-OPA196IDBVR Datasheet
3Mb / 47P
36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
OPA196IDBVT TI1-OPA196IDBVT Datasheet
3Mb / 47P
36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
OPA196IDGKR TI1-OPA196IDGKR Datasheet
3Mb / 47P
36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
OPA196IDGKT TI1-OPA196IDGKT Datasheet
3Mb / 47P
36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
More results


Similar Description - OPA196ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061 Datasheet
775Kb / 20P
Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20091 ONSEMI-NCS20091 Datasheet
686Kb / 20P
Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
logo
Texas Instruments
OPA197 TI1-OPA197_16 Datasheet
1Mb / 39P
36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage Operational Amplifiers
logo
STMicroelectronics
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 24P
Low-power, rail-to-rail output, 36 V operational amplifier
17-Aug-2015
logo
Texas Instruments
OPA196 TI1-OPA196 Datasheet
3Mb / 47P
36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
NCS20231 ONSEMI-NCS20231 Datasheet
763Kb / 24P
Operational Amplifier, 36 V, 3 MHz, 0.95 mV Input Offset Voltage, Rail-to-Rail
April, 2022 - Rev. 2
logo
STMicroelectronics
TSB621 STMICROELECTRONICS-TSB621 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
logo
Rohm
BD5291GWL ROHM-BD5291GWL Datasheet
1Mb / 28P
Input/Output Rail to Rail Low Input Offset Voltage Operational Amplifier
02.Sep.2022 Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com