Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA180IDR Datasheet (PDF) - Texas Instruments

OPA180IDR Datasheet PDF - Texas Instruments
Part # OPA180IDR
Download  OPA180IDR Download
File Size   1587.29 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx180 0.1-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers

OPA180IDR Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA180IDR Datasheet PDF - Texas Instruments

Part # OPA180IDR
Download  OPA180IDR Click to download

File Size   1587.29 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx180 0.1-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers

OPA180IDR Datasheet (HTML) - Texas Instruments


OPA180IDR Product details

1 Features
1• Low Offset Voltage: 75 μV (Maximum)
• Zero-Drift: 0.1 μV/°C
• Low Noise: 10 nV/√Hz
• Very Low 1/f Noise
• Excellent DC Precision:
– PSRR: 126 dB
– CMRR: 114 dB
– Open-Loop Gain (AOL): 120 dB
• Quiescent Current: 525 μA (Maximum)
• Wide Supply Range: ±2 V to ±18 V
• Rail-to-Rail Output:
Input Includes Negative Rail
• Low Bias Current: 250 pA (Typical)
• RFI Filtered Inputs
• MicroSIZE Packages

2 Applications
• Bridge Amplifiers
• Strain Gauges
• Test Equipment
• Transducer Applications
• Temperature Measurement
• Electronic Scales
• Medical Instrumentation
• Resister Thermal Detectors
• Precision Active Filters

3 Description
The OPA180, OPA2180 and OPA4180 operational
amplifiers (op amps) use TI's proprietary zero-drift
techniques to simultaneously provide low offset
voltage (75 μV), and near zero-drift over time and
temperature. These miniature, high-precision, lowquiescent-
current op amps offer high input
impedance and rail-to-rail output swing within 18 mV
of the rails. The input common-mode range includes
the negative rail. Single- or dual-supplies ranging
from 4 V to 36 V (±2 V to ±18 V) can be used.
The dual-channel version is offered in VSSOP-8
packages and SOIC-8 packages. The quad-channel
version is offered in SOIC-14 and TSSOP-14
packages. The single and quad package offerings
(OPA180 and OPA4180) are specified from –40°C to
+125°C, and the dual package (OPA2180) is
specified from –40°C to +105°C.




Similar Part No. - OPA180IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA180IDR TI-OPA180IDR Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
More results


Similar Description - OPA180IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180 Datasheet
1Mb / 38P
OPAx180 0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com