Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA172IDR Datasheet (PDF) - Texas Instruments

OPA172IDR Datasheet PDF - Texas Instruments
Part # OPA172IDR
Download  OPA172IDR Download
File Size   4275.81 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers

OPA172IDR Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA172IDR Datasheet PDF - Texas Instruments

Part # OPA172IDR
Download  OPA172IDR Click to download

File Size   4275.81 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers

OPA172IDR Datasheet (HTML) - Texas Instruments


OPA172IDR Product details

1 Features
1• Wide Supply Range:
+4.5 V to +36 V, ±2.25 V to ±18 V
• Low Offset Voltage: ±0.2 mV
• Low Offset Drift: ±0.3 μV/°C
• Gain Bandwidth: 10 MHz
• Low Input Bias Current: ±8 pA
• Low Quiescent Current: 1.6 mA per Amplifier
• Low Noise: 7 nV/√Hz
• EMI and RFI Filtered Inputs
• Input Range Includes the Negative Supply
• Input Range Operates to Positive Supply
• Rail-to-Rail Output
• High Common-Mode Rejection: 120 dB
• Industry-Standard Packages:
– SOIC-8, VSSOP-8, SOIC-14, TSSOP-14
• microPackages: Single in SC70, SOT-23,
Dual in WSON-8

2 Applications
• Tracking Amplifier in Power Modules
• Merchant Power Supplies
• Transducer Amplifiers
• Bridge Amplifiers
• Temperature Measurements
• Strain Gauge Amplifiers
• Precision Integrators
• Test Equipment

3 Description
The OPA172, OPA2172 and OPA4172 (OPAx172)
are a family of 36-V, single-supply, low-noise
operational amplifiers capable of operating on
supplies ranging from +4.5 V (±2.25 V) to +36 V
(±18 V). This latest addition of high-voltage CMOS
operational amplifiers, in conjunction with the
OPAx171 and OPAx170, provide a family of
bandwidth, noise, and power options to meet the
needs of a wide variety of applications. The OPAx172
are available in micropackages, and offer low offset,
drift, and quiescent current. These devices also offer
wide bandwidth, fast slew rate, and high output
current drive capability. The single, dual, and quad
versions all have identical specifications for maximum
design flexibility.
Unlike most op amps, which are specified at only one
supply voltage, the OPAx172 family is specified from
+4.5 V to +36 V. Input signals beyond the supply rails
do not cause phase reversal. The input can operate
100 mV below the negative rail and within 2 V of the
top rail during normal operation. Note that these
devices can operate with full rail-to-rail input 100 mV
beyond the top rail, but with reduced performance
within 2 V of the top rail.
The OPAx172 series of op amps are specified from
–40°C to +125°C.




Similar Part No. - OPA172IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
3Mb / 50P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Similar Description - OPA172IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA2172 TI-OPA2172 Datasheet
3Mb / 42P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA4172 TI-OPA4172 Datasheet
3Mb / 42P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688 Datasheet
2Mb / 38P
OPA168x SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI-OPA172_15 Datasheet
3Mb / 50P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688_15 Datasheet
2Mb / 40P
SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI1-OPA1688 Datasheet
2Mb / 41P
SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172-Q1 TI1-OPA172-Q1 Datasheet
2Mb / 36P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com