Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA313 Datasheet (PDF) - Texas Instruments

OPA313 Datasheet PDF - Texas Instruments
Part # OPA313
Download  OPA313 Download
File Size   3136.62 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER Precision Value Line Series

OPA313 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA313 Datasheet PDF - Texas Instruments

Part # OPA313
Download  OPA313 Click to download

File Size   3136.62 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER Precision Value Line Series

OPA313 Datasheet (HTML) - Texas Instruments


OPA313 Product details

1FEATURES
2• Low IQ: 50 μA/ch
• Wide Supply Range: 1.8 V to 5.5 V
• Low Noise: 25 nV/√Hz at 1 kHz
• Gain Bandwidth: 1 MHz
• Low Input Bias Current: 0.2 pA
• Low Offset Voltage: 0.5 mV
• Unity-Gain Stable
• Internal RF/EMI Filter
• Extended Temperature Range:
–40°C to +125°C

APPLICATIONS
• Battery-Powered Instruments:
– Consumer, Industrial, Medical
– Notebooks, Portable Media Players
• Sensor Signal Conditioning:
– Loop-Powered
– Notebooks, Portable Media Players
• Wireless Sensors:
– Home Security
– Remote Sensing
– Wireless Metering

DESCRIPTION
The OPA313 family of single-, dual-, and quad-
channel op amps represents a new generation of low-
cost, general purpose, micro-power operational
amplifiers. Featuring rail-to-rail input and output
swings, and low quiescent current (50 μA, typ)
combined with a wide bandwidth of 1 MHz and very low noise (25 nV/√Hz at 1 kHz) makes this family
very attractive for a variety of battery-powered
applications that require a good balance between
cost and performance. The low input bias current
supports those op amps to be used in applications
with megaohm source impedances.
The robust design of the OPA313 devices provides
ease-of-use to the circuit designer: unity-gain stability with capacitive loads of up to 150 pF, integrated
RF/EMI rejection filter, no phase reversal in overdrive
conditions, and high electrostatic discharge (ESD)
protection (4-kV HBM).
These devices are optimized for operation at voltages
as low as +1.8 V (±0.9 V) and up to +5.5 V (±2.75 V),
and are specified over the extended temperature
range of –40°C to +125°C.
The OPA313 (single) is available in both SC70-5 and
SOT23-5 packages. The OPA2313 (dual) is offered in
SO-8, MSOP-8, and DFN-8 packages. The quadchannel
OPA4313 is offered in a TSSOP-14 package.




Similar Part No. - OPA313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA313 TI-OPA313 Datasheet
2Mb / 36P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA313IDBVR TI-OPA313IDBVR Datasheet
2Mb / 36P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA313IDBVT TI-OPA313IDBVT Datasheet
2Mb / 36P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA313IDCKR TI-OPA313IDCKR Datasheet
2Mb / 36P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA313IDCKT TI-OPA313IDCKT Datasheet
2Mb / 36P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
More results


Similar Description - OPA313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA313 TI-OPA313 Datasheet
2Mb / 36P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4313 TI1-OPA4313 Datasheet
2Mb / 38P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA316 TI-OPA316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313_15 Datasheet
2Mb / 38P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER Precision Value Line Series
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com