Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA4316 Datasheet (PDF) - Texas Instruments

OPA4316 Datasheet PDF - Texas Instruments
Part # OPA4316
Download  OPA4316 Download
File Size   3725.02 Kbytes
Page   65 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier

OPA4316 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA4316 Datasheet PDF - Texas Instruments

Part # OPA4316
Download  OPA4316 Click to download

File Size   3725.02 Kbytes
Page   65 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier

OPA4316 Datasheet (HTML) - Texas Instruments


OPA4316 Product details

1 Features
1• Unity-Gain Bandwidth: 10 MHz
• Low IQ: 400 μA/ch
• Wide Supply Range: 1.8 V to 5.5 V
• Low Noise: 11 nV/√Hz at 1 kHz
• Low Input Bias Current: ±5 pA
• Offset Voltage: ±0.5 mV
• Unity-Gain Stable
• Internal RFI-EMI Filter
• Shutdown Version: OPA2316S
• Extended Temperature Range: –40°C to +125°C

2 Applications
• Battery-Powered Instruments:
– Consumer, Industrial, Medical
– Notebooks, Portable Media Players
• Sensor Signal Conditioning
• Automotive Applications
• Barcode Scanners
• Active Filters
• Audio

3 Description
The OPAx316 family of single, dual, and quad
operational amplifiers represents a new generation of
general-purpose, low-power operational amplifiers.
Featuring rail-to-rail input and output swings, low
quiescent current (400 μA/ch typical) combined with a
wide bandwidth of 10 MHz and very-low noise
(11 nV/√Hz at 1 kHz) makes this family attractive for
a variety of applications that require a good balance
between cost and performance. The low input bias
current supports those operational amplifiers to be
used in applications with MΩ source impedances.
The robust design of the OPAx316 provide ease-ofuse
to the circuit designer—a unity-gain stable,
integrated RFI-EMI rejection filter, no phase reversal
in overdrive condition, and high electrostatic
discharge (ESD) protection (4-kV HBM).
These devices are optimized for low-voltage
operation as low as 1.8 V (±0.9 V) and up to 5.5 V
(±2.75 V). This latest addition of low-voltage CMOS
operational amplifiers, in conjunction with the
OPAx313 and OPAx314 provide a family of
bandwidth, noise, and power options to meet the
needs of a wide variety of applications.




Similar Part No. - OPA4316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI1-OPA4316 Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI1-OPA4316 Datasheet
2Mb / 39P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA4316-Q1 TI1-OPA4316-Q1 Datasheet
2Mb / 39P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA4316ID TI1-OPA4316ID Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Similar Description - OPA4316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA313 TI-OPA313 Datasheet
2Mb / 36P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI-OPA316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com