Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA325 Datasheet (PDF) - Texas Instruments

OPA325 Datasheet PDF - Texas Instruments
Part # OPA325
Download  OPA325 Download
File Size   2769.8 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx325 Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers

OPA325 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA325 Datasheet PDF - Texas Instruments

Part # OPA325
Download  OPA325 Click to download

File Size   2769.8 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx325 Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers

OPA325 Datasheet (HTML) - Texas Instruments


OPA325 Product details

1 Features
1• Precision with zero-crossover distortion:
– Low offset voltage: 150 μV (maximum)
– High CMRR: 114 dB
– Rail-to-rail I/O
• Wide bandwidth: 10 MHz
• Quiescent current: 650 μA/ch
• Single-supply voltage range: 2.2 V to 5.5 V
• Low input bias current: 0.2 pA
• Low noise: 9 nV/√Hz at 10 kHz
• Slew rate: 5 V/μs
• Unity-gain stable

2 Applications
• High-Z sensor signal conditioning
• Transimpedance amplifiers
• Test and measurement equipment
• Programmable logic controllers (PLCs)
• Motor control loops
• Communications
• Input, output ADC, and DAC buffers
• Active filters

3 Description
The OPA325, OPA2325, and OPA4325 (OPAx325)
are precision, low-voltage complementary metal-oxide
semiconductor (CMOS) operational amplifiers
optimized for very low noise and wide bandwidth,
while operating on a low quiescent current of only
650 μA.
The OPAx325 feature a linear input stage with zerocrossover
distortion that delivers excellent commonmode
rejection ratio (CMRR) of typically 114 dB over
the entire input range. The input common-mode
range extends 100 mV beyond the negative and
positive supply rails. The output voltage typically
swings within 10 mV of the rails.
The zero-crossover distortion, combined with wide
bandwidth (10 MHz), high slew rate (5 V/μs), and low
noise (9 nV/√Hz), make the OPAx325 a very good
successive-approximation register (SAR) analog-todigital
converter (ADC) input driver amplifier. In
addition, the OPAx325 have a wide supply-voltage
range from 2.2 V to 5.5 V, with excellent powersupply
rejection ratio (PSRR) over the entire supply
range, making the device an excellent choice for
precision, low-power applications that run directly
from batteries without regulation.
The OPA325 (single-channel version) is available in
the SOT23-5 package. The OPA2325 (dual-channel
version) is offered in SO-8 and MSOP-8 packages.
The OPA4325 (quad-channel version) is available in
TSSOP-14 package.




Similar Part No. - OPA325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA325IDBVR TI1-OPA325IDBVR Datasheet
3Mb / 42P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA325IDBVT TI1-OPA325IDBVT Datasheet
3Mb / 42P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
More results


Similar Description - OPA325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA316 TI-OPA316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA328 TI-OPA328 Datasheet
1Mb / 31P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED NOVEMBER 2022
OPA328 TI-OPA328_V01 Datasheet
1Mb / 32P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com