Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA4322 Datasheet (PDF) - Texas Instruments

OPA4322 Datasheet PDF - Texas Instruments
Part # OPA4322
Download  OPA4322 Download
File Size   2959.98 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx322x 20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown

OPA4322 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA4322 Datasheet PDF - Texas Instruments

Part # OPA4322
Download  OPA4322 Click to download

File Size   2959.98 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx322x 20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown

OPA4322 Datasheet (HTML) - Texas Instruments


OPA4322 Product details

1 Features
1• Gain Bandwidth: 20 MHz
• Low Noise: 8.5 nV√Hz at 1 kHz
• Slew Rate: 10 V/μs
• Low THD+N: 0.0005%
• Rail-to-Rail I/O
• Offset Voltage: 2 mV (maximum)
• Supply Voltage: 1.8 V to 5.5 V
• Supply Current: 1.5 mA/ch
– Shutdown: 0.1 μA/ch
• Unity-Gain Stable
• Small Packages:
– SOT-23, SON, VSSOP, TSSOP

2 Applications
• Sensor Signal Conditioning
• Consumer Audio
• Multi-Pole Active Filters
• Control-Loop Amplifiers
• Communications
• Security
• Scanners

3 Description
The OPAx322x series consists of single, dual, and
quad-channel CMOS operational amplifiers featuring
low noise and rail-to-rail inputs and outputs optimized
for low-power, single-supply applications. Specified
over a wide supply range of 1.8 V to 5.5 V, the low
quiescent current of only 1.5 mA per channel makes
these devices well-suited for power-sensitive
applications.
The combination of very low noise (8.5 nV√Hz at
1 kHz), high-gain bandwidth (20 MHz), and fast slew
rate (10 V/μs) make the OPAx322x family ideal for a
wide range of applications, including signal
conditioning and sensor amplification requiring high
gains. Featuring low THD+N, the OPAx322x series is
also excellent for consumer audio applications,
particularly for single-supply systems.
The OPAx322S models include a shutdown mode
that allow the amplifiers to be switched from normal
operation to a standby current that is typically less
than 0.1 μA.
The OPA322 (single version) is available in 5-pin
SOT-23 and 6-pin SOT-23, while the OPA2322 (dual
version) is offered in 8-pin VSSOP, 10-pin VSSOP, 8-
pin SOIC, and 8-pin SON packages. The quad
version OPA4322 comes in 14-pin TSSOP and 16-pin
TSSOP packages. All versions are specified for
operation from –40°C to +125°C.




Similar Part No. - OPA4322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4322 TI1-OPA4322 Datasheet
1Mb / 34P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA4322 TI1-OPA4322 Datasheet
1Mb / 29P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA4322 TI1-OPA4322 Datasheet
1Mb / 38P
CMOS Operational Amplifier with Shutdown
OPA4322 TI1-OPA4322 Datasheet
1Mb / 39P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA4322-Q1 TI1-OPA4322-Q1 Datasheet
1Mb / 23P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
More results


Similar Description - OPA4322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
Low Noise, CMOS Input Operational Amplifier with Shutdown
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com